Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 5 Page - Linear Technology

  LTC3607 Datasheet HTML 1Page - Linear Technology LTC3607 Datasheet HTML 2Page - Linear Technology LTC3607 Datasheet HTML 3Page - Linear Technology LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC3607
5
3607fb
For more information www.linear.com/LTC3607
Typical perForMance characTerisTics
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
Load Regulation
Line Regulation
Oscillator Frequency vs
Temperature
Reference Voltage vs
Temperature
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
2
0
–2
–4
–6
–8
–10
–12
3607 G10
125
0
50
–25
25
75
100
Switch Leakage vs Temperature
Peak Current Limit vs
Temperature
VIN (V)
4
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
3607 G15
16
8
10
6
12
14
TEMPERATURE (°C)
–50
0.605
0.603
0.601
0.599
0.597
0.595
3607 G11
125
0
50
–25
25
75
100
VIN = 12V
TEMPERATURE (°C)
–50
1200
1150
1100
1050
1000
950
900
3607 G16
125
0
25
–25
50
75
100
VIN = 12V
TEMPERATURE (°C)
–50
7000
6000
5000
4000
3000
2000
1000
0
3607 G14
150
25
0
50
–25
75 100 125
TOP SWITCH
BOTTOM SWITCH
VIN = 12V
VIN (V)
4
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3607 G12
16
8
10
6
12
14
TOP SWITCH
BOTTOM SWITCH
TEMPERATURE (°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3607 G13
125
0
50
–25
75
100
VIN = 12V
TOP SWITCH
BOTTOM SWITCH
LOAD CURRENT (mA)
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
3607 G17
600
200
100
300
400
500
PULSE SKIP
Burst Mode OPERATION
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com