Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 4 Page - Linear Technology

  LTC3607 Datasheet HTML 1Page - Linear Technology LTC3607 Datasheet HTML 2Page - Linear Technology LTC3607 Datasheet HTML 3Page - Linear Technology LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3607
4
3607fb
For more information www.linear.com/LTC3607
Typical perForMance characTerisTics
Efficiency vs Input Voltage
Burst Mode Operation
Burst Mode Operation
Pulse-Skipping Mode
Load Step in Burst Mode
Operation
Start-Up (Burst Mode Operation)
VOUT Short to GND (Burst Mode
Operation)
Efficiency vs Load Current
Burst Mode Operation
Efficiency vs Load Current
Burst Mode Operation
Efficiency vs Load Current
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
3607 G01
100
90
80
60
50
40
30
20
10
70
0
0.1
1
100
1000
10
VOUT = 2.5V
VIN = 5V
VIN = 8.4V
VIN = 12V
LOAD CURRENT (mA)
3607 G02
100
90
80
60
50
40
30
20
10
70
0
0.1
1
100
1000
10
VOUT = 3.3V
VIN = 5V
VIN = 8.4V
VIN = 12V
VIN = 8.4V
VOUT = 2.5V
ILOAD = 30mA TO 600mA
VOUT
100mV/DIV
IL
200mA/DIV
3607 G07
20µs/DIV
VIN = 8.4V
VOUT = 2.5V
ILOAD = 20mA
RUN
2V/DIV
PGOOD
2V/DIV
VOUT
2V/DIV
IL
0.5A/DIV
3607 G08
200µs/DIV
INPUT VOLTAGE (V)
3607 G04
100
95
90
80
75
70
65
60
55
85
50
4
6
12
14
16
10
8
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 600mA
VOUT = 3.3V
VIN = 8.4V
VOUT = 2.5V
ILOAD = 0A
PGOOD
2V/DIV
VOUT
1V/DIV
IL
1A/DIV
3607 G09
100µs/DIV
VIN = 8.4V
VOUT = 2.5V
ILOAD = 100mA
SW
5V/DIV
IL
200mA/DIV
VOUT
50mV/DIV
3607 G05
2µs/DIV
VIN = 8.4V
VOUT = 2.5V
ILOAD = 20mA
SW
5V/DIV
IL
200mA/DIV
VOUT
50mV/DIV
3607 G06
2µs/DIV
LOAD CURRENT (mA)
3607 G03
100
90
80
60
50
40
30
20
10
70
0
0.1
1
100
1000
10
VIN = 8.4V
VOUT = 5V
Burst Mode OPERATION
PULSE SKIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com