Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology LTC3607 Datasheet HTML 10Page - Linear Technology LTC3607 Datasheet HTML 11Page - Linear Technology LTC3607 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3607
8
3607fb
For more information www.linear.com/LTC3607
operaTion
The LTC3607 uses a constant-frequency, peak current
mode architecture. The operating frequency is set at
2.25MHz and can be synchronized to an external oscillator
between 1MHz and 4MHz. Both channels share the same
clock and run in-phase. To suit a variety of applications,
the selectable MODE/SYNC pin allows the user to trade-
off ripple for efficiency.
The output voltage is set by an external divider returned
to the VFB pins. An error amplifier compares the divided
output voltage with a reference voltage of 0.6V and ad-
justs the peak inductor current accordingly. Overvoltage
and undervoltage comparators will pull the independent
PGOOD outputs low if the output voltage is not within
±8.5%. The PGOOD outputs will go high 64 clock cycles
after achieving regulation and will go low 64 cycles after
falling out of regulation.
Whether in Burst Mode or pulse-skipping operation, the
overvoltage protection circuit is still enabled when the rest
of the regulator is asleep. Hence, if VOUT rises above the
overvoltage threshold, the regulator is forced out of sleep.
Main Control Loop
During normal operation, the top power switch (P-channel
MOSFET) is turned on at the beginning of a clock cycle
when the VFB voltage is below the reference voltage. The
current into the inductor and the load increases until the
current limit is reached. The switch turns off and energy
stored in the inductor flows through the bottom switch
(N-channelMOSFET)intotheloaduntilthenextclockcycle.
The peak inductor current is controlled by the internally
compensated ITH voltage, which is the output of the error
amplifier. This amplifier compares the VFB pin to the 0.6V
internal reference. When the load current increases, the
VFB voltage decreases slightly below the reference. This
decrease causes the error amplifier to increase the ITH
voltage until the average inductor current matches the
new load current.
The main control loop is shut down by pulling the RUN
pin to ground.
Low Current Operation
Two discontinuous-conduction modes (DCMs) are avail-
able to control the operation of the LTC3607 at low output
currents. Both modes, Burst Mode operation and pulse-
skipping, automatically switch from continuous operation
to the selected mode when the load current is low.
To optimize efficiency, Burst Mode operation can be se-
lected by floating the MODE/SYNC pin or setting it to 1V
or greater. When the load is relatively light, the LTC3607
automaticallyswitchesintoBurstModeoperationinwhich
the PMOS switch operates intermittently based on load
demand with a fixed peak inductor current. By running
cycles periodically, the switching losses, which are domi-
nated by the gate charge losses of the power MOSFETs,
are minimized. The main control loop is interrupted when
the output voltage reaches the desired regulated value.
A voltage comparator trips when the ITH voltage drops
below an internal clamp voltage, shutting off the switch
and reducing the power. The output capacitor and the
inductor supply the power to the load until ITH exceeds
an internal clamp voltage, turning on the switch and the
main control loop, which starts another cycle.
To optimize ripple, pulse-skipping mode can be selected
by grounding the MODE/SYNC pin. In the LTC3607, pulse-
skipping mode is implemented similarly to Burst Mode
operation with the ITH clamp set to a lower internal clamp
voltage. This results in lower ripple than in Burst Mode
operationwiththetrade-offbeingslightlylowerefficiency.
Dropout Operation
Whentheinputsupplyvoltagedecreasestowardtheoutput
voltage, the duty cycle increases to 100% which is the
dropout condition. In dropout, the PMOS switch is turned
on continuously with the output voltage being equal to the
input voltage minus the voltage drops across the internal
P-channel MOSFET and the inductor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com