Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology LTC3607 Datasheet HTML 10Page - Linear Technology LTC3607 Datasheet HTML 11Page - Linear Technology LTC3607 Datasheet HTML 12Page - Linear Technology LTC3607 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3607
9
3607fb
For more information www.linear.com/LTC3607
applicaTions inForMaTion
An important design consideration is that the RDS(ON)
of the P-channel switch increases with decreasing input
supply voltage (see Typical Performance Characteristics).
Therefore, the user should calculate the power dissipation
when the LTC3607 is used at 100% duty cycle with low
input voltage (see Thermal Considerations in the Applica-
tions Information section).
Low/High Supply Operation
TheLTC3607incorporatesanundervoltagelockoutcircuit
which shuts down the part when the input voltage drops
below about 3.7V to prevent unstable operation.
A general LTC3607 application circuit is shown in Figure 1.
Externalcomponentselectionisdrivenbytheloadrequire-
ment, and begins with the selection of the inductor L. Once
the inductor is chosen, CIN and COUT can be selected.
Inductor Selection
The operating frequency directly effects both the inductor
value, and the ripple current. The inductor ripple current
ΔIL decreases with higher frequency and/or inductance
and increases with higher VIN:
∆IL =
VOUT
fO•L
• 1–
VOUT
VIN
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability.
A reasonable starting point for setting ripple current is
ΔIL = 0.4 • IO(MAX), where IO(MAX) is the maximum rated
output current. The largest ripple current ΔIL occurs at
the maximum input voltage. To guarantee that the ripple
current stays below a specified maximum, the inductor
valueshouldbechosenaccordingtothefollowingequation:
L =
VOUT
fO • IL
• 1–
VOUT
VIN(MAX)
∆
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation
begins when the peak inductor current falls below a level
set by the burst clamp. Lower inductor values result in
higher ripple current which causes this transition to occur
at lower load currents. This causes a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
currentandprice/currentrelationshipofaninductor.Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar elec-
trical characteristics. The choice of which style inductor to
use often depends more on the price vs size requirements
and any radiated field/EMI requirements than on what the
LTC3607 requires to operate. Table 1 shows the websites
of several surface mount inductor manufacturers.
Table 1. Inductor Manufacturer
Coilcraft
http://www.coilcraft.com/powersel_lowl.html
Cooper Bussmann http://www.cooperindustries.com/content/public/
en/bussmann/electronics/products/coiltronics_
inductorandtransformermagnetics.html
Würth Electronic
http://katalog.we-online.com/en/pbs/browse/
Power-Magnetics/Speicherdrosseln
Murata
http://www.murata.com/products/inductor/index.
html
TDK
http://www.tdk.co.jp/tefe02/coil.htm
Vishay
http://www.vishay.com/inductors/power-
inductors/
Sumida
http://www.sumida.com/en/products/
power_main.php



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com