Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 1 Page - Linear Technology

  LTC3607 Datasheet HTML 1Page - Linear Technology LTC3607 Datasheet HTML 2Page - Linear Technology LTC3607 Datasheet HTML 3Page - Linear Technology LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3607
1
3607fb
For more information www.linear.com/LTC3607
RUN1
RUN2
SW2
LTC3607
VIN 12V
10µF
×2
10µF
121k
10µF
121k
4.7µH
4.7µH
887k
549k
VOUT1
5V AT 600mA
VOUT2
3.3V AT 600mA
3607 TA01a
SVIN
22pF
22pF
SW1
GND
VFB1
VFB2
PVIN2
PVIN1
Typical applicaTion
FeaTures
DescripTion
Dual 600mA 15V Monolithic
Synchronous Step-Down
DC/DC Regulator
The LTC®3607 is a 15V dual 600mA monolithic synchro-
nous step-down regulator which has only 55µA quiescent
current. Intended for a variety of applications, including
dual lithium-ion battery products, it operates from a wide
4.5V to 15V input voltage range. It features a constant
2.25MHz switching frequency, enabling the use of tiny,
low cost capacitors and inductors 1mm or less in height.
Each output voltage is adjustable from 0.6V to VIN. The
internal synchronous power switches provide high ef-
ficiency without the need for external Schottky diodes.
A user selectable mode input is provided to allow the user
to trade off ripple noise for light load efficiency; Burst
Mode operation provides the highest efficiency at light
loads, while pulse-skipping mode provides the lowest
ripple noise.
To further the maximize battery run time, the P-channel
MOSFETs are turned on continuously in dropout (100%
duty cycle). In shutdown, the device draws <1µA.
applicaTions
n
High Efficiency: Up to 96%
n
Very Low Quiescent Current: 55µA Total
n
2.25MHz Constant Frequency Operation
n
Low Dropout Operation: 100% Duty Cycle
n
Low-Ripple (Typical 30mVP-P) Burst Mode®
Operation
n
Peak Current-Mode Control Architecture for Excellent
Line and Load Transient Response
n
Wide Voltage Input Range: 4.5V to 15V
n
600mA/Channel Rated Output Current
n
0.6V Reference Allows Low Output Voltages
n
±1.5% Output Voltage Accuracy
n
Ultralow Shutdown Current: IQ < 1µA
n
Internal Compensation
n
Power Good Outputs
n
Externally Frequency Synchronization (1MHz to 4MHz)
n
Independent Internal Soft-Start for Each Channel
n
Small 16-Lead Thermally Enhanced Thin QFN
(3mm × 3mm) and MSE Packages
n
Dual Lithium-Ion Battery Supplies
n
Automotive Applications
n
Servers
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5481178, 5847554,
6580258, 6304066, 6476589, 6774611.
Efficiency and Power Loss
vs Load Current
LOAD CURRENT (mA)
3607 TA01b
100
90
0.1
1
0.01
0.001
80
60
50
40
30
20
10
70
0
1
100
1000
10
VIN = 12V
VOUT = 5V
VOUT = 3.3V


Similar Part No. - LTC3607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
More results

Similar Description - LTC3607

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3419 LINER-LTC3419 Datasheet
255Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3419 LINER-LTC3419_15 Datasheet
263Kb / 16P
Dual Monolithic 600mA Synchronous Step-Down Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
LTC3607EUD LINER-LTC3607EUD Datasheet
428Kb / 8P
Dual 600mA 15V Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com