Electronic Components Datasheet Search
  English  ▼

X  

LTC3607 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3607
Description  Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3607 Datasheet(HTML) 3 Page - Linear Technology

  LTC3607 Datasheet HTML 1Page - Linear Technology LTC3607 Datasheet HTML 2Page - Linear Technology LTC3607 Datasheet HTML 3Page - Linear Technology LTC3607 Datasheet HTML 4Page - Linear Technology LTC3607 Datasheet HTML 5Page - Linear Technology LTC3607 Datasheet HTML 6Page - Linear Technology LTC3607 Datasheet HTML 7Page - Linear Technology LTC3607 Datasheet HTML 8Page - Linear Technology LTC3607 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3607
3
3607fb
For more information www.linear.com/LTC3607
elecTrical characTerisTics
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SVIN
Operating Voltage Range
l
4.5
15
V
PVIN
Operating Voltage Range
l
4.5
15
V
VOUT
Output Voltage Range
0.6
PVIN
V
VFB
Feedback Voltage (Note 3)
l
0.591
0.588
0.6
0.6
0.609
0.612
V
V
IFB
Feedback Pin Input Current
30
nA
ΔVLINE REG
Reference Voltage Line Regulation
VIN = 4.5V to 15V (Note 3)
0.1
0.15
%/V
ΔVLOAD REG Output Voltage Load Regulation
MODE/SYNC = 0V (Note 3)
0.5
%
IS
Input DC Supply Current
Active Mode
Sleep Mode (Both Channels)
Sleep Mode (Single Channel)
Shutdown
(Note 4)
VFB1 = VFB2 = 0.5V
VFB1 = VFB2 = 0.64V
VFB(1 or 2) = 0.64V
RUN1 = RUN2 = 0V
3.2
55
35
0.1
90
60
1
mA
µA
µA
µA
fOSC
Oscillator Frequency
VFB1, 2 = 0.6V
l
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
1.0
4.0
MHz
ILIM
Peak Switch Current Limit
VFB1, 2 = 0.5V, Duty Cycle < 35%
0.75
1
1.25
A
RDS(ON)
Top Switch On-Resistance
Bottom Switch On-Resistance
(Note 6)
(Note 6)
0.6
0.25
Ω
Ω
UVLO
SVIN Undervoltage Lockout Threshold
SVIN Rising
3.4
4.3
V
PGOOD
PGOOD1/2 Overvoltage Threshold
VFB1, 2 Rising
VFB1, 2 Hysteresis
8.5
–3
11
%
%
PGOOD1/2 Undervoltage Threshold
VFB1, 2 Ramping Down
VFB1, 2 Hysteresis
–11
–8.5
3
%
%
PGOOD1/2 On-Resistance
Channel 1 or Channel 2 Active
RUN1 = RUN2 = 0V
70
700
Ω
Ω
tPGOOD
Power Good Blanking Time
64
Cycles
IPGOOD
PGOOD Leakage
1
µA
VRUN
RUN1/2 VIL
RUN1/2 VIH
l
l
0.55
3.0
V
V
IRUN
RUN1/2 Leakage Current
l
0.01
1
µA
VMODE/SYNC MODE/SYNC VIL
MODE/SYNC VIH
l
l
0.3
1.0
V
V
tSOFTSTART
Internal Soft-Start Time
VFB from 10% to 90% Full Scale
PVIN1 = PVIN2 = SVIN = 4.5V
0.35
ms
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, unless otherwise specified. (Note 2)
Note 1. Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. The LTC3607 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3607E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3607I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
The junction temperature (TJ) is calculated from the ambient temperature
(TA) and power dissipation (PD) according to the formula:
TJ = TA + (PD • θJA°C/W)
where
θJA is the package thermal impedance. Note that the maximum
ambient temperature is consistent with these specifications determined by
specific operating conditions in conjunction with board layout, the rated
package thermal resistance and other environmental factors.
Note 3. The LTC3607 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier to an external servo loop.
Note 4. Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5. TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD • θJA).
Note 6. The QFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
Note 7. This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com