Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 2Page - Linear Technology LTM4633 Datasheet HTML 3Page - Linear Technology LTM4633 Datasheet HTML 4Page - Linear Technology LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology LTM4633 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTM4633
6
4633f
For more information www.linear.com/LTM4633
Typical perForMance characTerisTics
12V to 5V Load Step Response
12V to 1.5V No-Load Start-Up
12V to 1.5V No-Load Short Circuit
12V to 1.5V, 10A Load
Short Circuit
Start Into Pre-Bias Output
12V to 1.5V Full-Load Start-Up
3.3V to 1V Load Step Response
3.3V to 1.8V Load Step Response
VOUT
100mV/DIV
IOUT
2A/DIV
50µs/DIV
CFF = 100pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC
4633 G10
VOUT
50mV/DIV
IOUT
2A/DIV
100µs/DIV
CFF = NONE, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 4 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G11
VOUT
50mV/DIV
IOUT
2A/DIV
100µs/DIV
CFF = NONE, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 4 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G12
VOUT
500mV/DIV
25ms/DIV
TK/SS CAPACITOR = 0.1µF
COUT = 2 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G13
VOUT
500mV/DIV
25ms/DIV
TK/SS CAPACITOR = 0.1µF
COUT = 2 × 100µF CERAMIC, 1 × 470µF POSCAP
4633 G14
VOUT
500mV/DIV
IIN
1A/DIV
10ms/DIV
4633 G15
VOUT
500mV/DIV
IIN
1A/DIV
10ms/DIV
4633 G16
12V to 3.3V Load Step Response
VOUT
100mV/DIV
IOUT
2A/DIV
50µs/DIV
CFF = 100pF, 0A TO 5A LOAD STEP AT 5A/µs
COUT = 2 × 100µF CERAMIC
4633 G09
10V/DIV
0.5V/DIV
50ms/DIV
VIN = 12V
VOUT = 1V
PRE-BIASED AT 500mV
4633 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com