Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 15Page - Linear Technology LTM4633 Datasheet HTML 16Page - Linear Technology LTM4633 Datasheet HTML 17Page - Linear Technology LTM4633 Datasheet HTML 18Page - Linear Technology LTM4633 Datasheet HTML 19Page - Linear Technology LTM4633 Datasheet HTML 20Page - Linear Technology LTM4633 Datasheet HTML 21Page - Linear Technology LTM4633 Datasheet HTML 22Page - Linear Technology LTM4633 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTM4633
19
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
defined chamber. This
θJB + θBA value should accurately
equal the
θJAvaluebecauseapproximately100%ofpower
loss flows from the junction through the board into ambi-
ent with no air-flow or top mounted heat sink.
LTM4633 Thermal Considerations and Output Current
Derating
The power loss curves at 5V input, 8V input, and 12V
input are in Figures 7 to 9. These power loss curves can
be used in coordination with the load current derating
curves in Figures 10 to 15 for calculating an approximate
θJA thermal resistance for the LTM4633 with various heat
sinking and airflow conditions. The power loss curves
are taken at room temperature, and are increased with a
multiplicative factor of 1.4 at 125°C junction. This factor
comes from the fact that the power loss of the regulator
increases about 50% from 25°C to 150°C, thus a 50%
spread over 125°C delta equates to ~0.4%/°C power loss
increase. A 125°C maximum junction minus 25°C room
temperature equates to a 100°C increase. This 100°C
increase multiplied by 0.4%/°C equals a 40% power loss
increase at the 125°C junction, thus the 1.4 multiplier.
The derating curves are plotted with the output current
starting at 30A and the ambient temperature at 40°C.
The 30A come from each of the three channels operating
at 10A each. This simplifies the loading for this thermal
testing. The output voltages are 1.0V and 1.8V when all
three channels are loaded together in parallel. Channel 1
and Channel 2 are designed to operate with outputs up
to 1.8V. Two additional derating curves are shown with
Channel 1 and Channel 2 operating at 1.8V at 10A each
for a total of 20A while Channel 3 is at 5V with 10A load
current derated over ambient temperature. This is done
to look at some of the different output power conditions
to correlate thermal resistance numbers that can be used
for derating the LTM4633 power module with different
output power requirements. The power loss curve values
at a particular output voltage and output current for each
output are taken and multiplied by 1.4 for increased power
loss at 125°C junction. Thermal models are derived from
several temperature measurements in a controlled tem-
perature chamber along with thermal modeling analysis.
The junction temperatures are monitored while ambient
temperature is increased with and without airflow. The
power loss increase with ambient temperature change
is factored into the derating curves. The junctions are
maintained at 125°C maximum while lowering output
current or power with increasing ambient temperature.
The decreased output current will decrease the internal
module loss as ambient temperature is increased. The
monitored junction temperature of 125°C minus the ambi-
entoperatingtemperaturespecifieshowmuchtemperature
rise can be allowed. For example, in Figure 11, the 1V
load current is derated to ~20A at ~85°C with no air and
with heat sink. In Figure 9, the 12V to 1.0V power loss
at 6.66A per channel is 1.4W. The total power loss would
be 3 times 1.4W or 4.2W. The 4.2W is then multiplied by
the 1.4 multiplier for 125°C junction. This 5.88W value is
used with the total temperature rise of 125°C minus the
85°C ambient to calculate
θJA thermal resistance. If the
85°C ambient temperature is subtracted from the 125°C
junction temperature, then the difference of 40°C divided
by 5.88W equals a 6.8°C/W
θJA thermal resistance. Table
2 specifies a 6°C/W value which is very close. Tables 2 to
4 provide equivalent thermal resistances for 1.0V, 1.8V,
and combination 1.8V and 5V outputs with and without air
flow and heat sinking. The derived thermal resistances in
Tables 2 and 4 for the various conditions can be multiplied
by the calculated power loss as a function of the 125°C
maximum junction temperature to determine if the tem-
perature rise plus ambient is below the 125°C maximum
junction temperature. Thermal or infrared imaging should
be performed to validate the calculated results. Room
temperature power loss can be derived from the power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com