Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 4Page - Linear Technology LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology LTM4633 Datasheet HTML 10Page - Linear Technology LTM4633 Datasheet HTML 11Page - Linear Technology LTM4633 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTM4633
8
4633f
For more information www.linear.com/LTM4633
pin FuncTions
FREQ/PLLLPF(L8):FrequencySetandPLLLowpassFilter
Pin. This pin is driven with a DC voltage to set the operating
frequency. Generally the pin is just connected to INTVCC to
set the typical 750kHz operating frequency. Applying a DC
voltage of 1.4V to this pin will set the frequency to 600kHz
and 1.6V will set it to 700kHz. When an external clock is
used, then the FREQ/PLLLPF pin must not be connected
to any DC voltage. The pin must be floating and will have
the proper internal compensation for the internal loop
filter. For VOUT1,2,3 ≤ 1.5V use 600kHz, and for VOUT1,2,3
≥ 1.5V use ≥700kHz. These frequecny settings optimize
efficiency and eliminate minimum on-time issues for less
than 1V output. See the Applications Information section.
MODE/PLLIN (L9): Force Continuous Mode, Burst Mode,
or Pulse-Skipping Mode Selection Pin and External Syn-
chronization Input to Phase Detector Pin. Connect this pin
to SGND to force all channels into the continuous mode
of operation. Connect to INTVCC to enable pulse-skipping
modeofoperation.LeavingthepinfloatingwillenableBurst
Mode operation. A clock on the pin will force the controller
into continuous mode of operation and synchronize the
internal oscillator.
RUN1,RUN2,RUN3(L10,L11,K11):RunControlInputs.A
voltage above 1.3V on any RUN pin turns on that particular
channel. However, forcing any of these RUN pins below
1.2V causes that channel to shut down. Each of the RUN
pins has an internal 10k resistor to ground. This resistor
can be used with an external pull-up resistor to the input
voltage to set a UVLO for that channel, or simply to turn
on the channel. The RUN pins have a maximum voltage
of 6V. See the Applications Information section.
PGOOD12, PGOOD3 (M2, M3): Output voltage power
good indicator for VOUT1 and VOUT2 are combined, and
VOUT3 separate. The open-drain logic output is pulled to
ground when the output voltage is not within ±7.5% of the
regulation point.
COMP1, COMP2, COMP3 (M4, L4, K4): Current Control
Threshold and Error Amplifier Compensation Point. The
current comparator threshold increases with this control
voltage. The LTM4633 regulator channels are all internally
compensated for proper stability. COMP1 and COMP2 can
be tied together for PolyPhase® 20A parallel operation.
See the Applications Information section.
VFB1, VFB2, VFB3 (M5, L5, K5): The Negative Input of the
Error Amplifier for Each of the Three Channels. Internally,
each of these pins is connected to their respective output
with a 60.4k precision resistor. Different output voltages
can be programmed with an additional resistor between
eachindividualVFBpinandground.InPolyPhaseoperation,
tying the VFB1 and VFB2 pins together allows for parallel
operation up to 20A. See the Applications Information
section for details.
TK/SS1,TK/SS2,TK/SS3(M9,M10,M11):OutputVoltage
TrackingandSoft-StartInputs.Whenoneparticularchannel
is configured to be the master, a capacitor to ground at
this pin sets the ramp rate for the master channel’s output
voltage. When the channel is configured to be the slave,
the VFB voltage of the master channel is reproduced by a
resistor divider and applied to this pin. Internal soft-start
currents of 1.5μA are charging the soft-start capacitors.
In dual output (2 + 1) mode, TK/SS1 and TK/SS2 need to
be shorted externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com