Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 3 Page - Linear Technology

  LTM4633 Datasheet HTML 1Page - Linear Technology LTM4633 Datasheet HTML 2Page - Linear Technology LTM4633 Datasheet HTML 3Page - Linear Technology LTM4633 Datasheet HTML 4Page - Linear Technology LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4633
3
4633f
For more information www.linear.com/LTM4633
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified internal
operating temperature range (Note 2), otherwise specifications are at TA = 25°C. VIN = 12V, per the typical application for each regulator
channel.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
CNTL_PWR Powered from Separate Supply
(5V to 16V Range)
l
2.375
16
V
CNTL_PWR Powered Tied to VIN Supply
l
4.7
16
V
VOUT(RANGE)
Output Voltage Range VOUT1, VOUT2
Output Voltage Range VOUT3
l
l
0.8
0.8
1.8
5.5
V
V
VOUT(DC)
Output Voltage, Total Variation with Line
and Load, VOUT1, VOUT2, VOUT3
CIN = 22µF × 3, COUT = 100µF Ceramic × 3,
RFB = 69k, MODE/PLLIN = 0V, VIN = 4.7V to 16V,
IOUT = 0A to 10A (Note 4)
l
1.477
1.50
1.523
V
Input Specifications
VRUN
RUN1, RUN 2, RUN 3 Pin ON Threshold
VRUN Rising
1.15
1.3
1.4
V
VRUN(HYS)
RUN Pin Hysteresis
175
mV
IQ(VIN)
Input Supply Bias Current Each Channel
VOUT = 1.5V, Burst Mode Operation
VOUT = 1.5V, Pulse-Skipping Mode
VOUT = 1.5V, Switching Continuous
Shutdown, RUN = 0V
0.5
1
45
50
mA
mA
mA
µA
IS(VIN)
Input Supply Current Each Channel
VOUT = 1.5V, IOUT = 10A
1.5
A
Output Specifications
IOUT(DC)
Output Continuous Current Range Each
Channel
VOUT = 1.5V (Note 4)
0
10
A
∆VOUT(LINE)
VOUT
Line Regulation Accuracy per Channel
VOUT = 1.5V, VIN from 2.375V to 16V
IOUT = 0A, CNTL_PWR = 12V
l
0.015
0.02
%/V
∆VOUT(LOAD)
VOUT
Load Regulation Accuracy per Channel
VOUT = 1.5V, IOUT = 0A to 10A
(Note 4)
l
0.3
0.5
%
VOUT(AC)
Output Ripple Voltage per Channel
IOUT = 0A, COUT = 100µF Ceramic × 3,
VOUT = 1.5V
15
mV
∆VOUT(START)
Turn-On Overshoot per Channel
COUT = 100µF Ceramic × 3, VOUT = 1.5V,
IOUT = 0A
20
mV
tSTART
Turn-On Time per Channel
COUT = 100µF Ceramic × 3, No Load,
TK/SS = 0.01µF
6
ms
VOUTLS
Peak Deviation for Dynamic Load per
Channel
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic × 3,
VOUT = 1.5V Typical Bench Data
100
mV
tSETTLE
Settling Time for Dynamic Load Step per
Channel
Load: 0% to 50% to 0% of Full Load,
COUT = 100µF Ceramic × 3,
VOUT = 1.5V Typical Bench Data
40
µs
IOUT(PK)
Output Current Limit per Channel
VOUT = 1.5V
13
A
Control Specifications
VFB
Voltage at VFB Pin per Channel
IOUT = 0A, VOUT = 1.5V
IOUT = 0A, VOUT = 1.5V
l
0.792
0.794
0.80
0.80
0.808
0.806
V
V
IFB
Current at VFB Pin per Channel
(Note 3)
–10
–50
nA
VOVL
Feedback Overvoltage Lockout per
Channel
l
0.84
0.86
0.88
V
ITK/SS
Track Pin Soft-Start Pull-Up Current per
Channel
TK/SS = 0V
1.1
1.5
1.9
µA
tON(MIN)
Minimum On-Time
(Note 3)
90
ns
Max DC
Maximum Duty Cycle
2.375V to 2V at 10A, 5.5V to 5V at 0A (Note 6)
100
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com