Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 19Page - Linear Technology LTM4633 Datasheet HTML 20Page - Linear Technology LTM4633 Datasheet HTML 21Page - Linear Technology LTM4633 Datasheet HTML 22Page - Linear Technology LTM4633 Datasheet HTML 23Page - Linear Technology LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM4633
23
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
Figure 10. 12VIN, 1VOUT, No Heat
Sink, All Channels at 10A Each
Figure 13. 12VIN, 1.8VOUT, With Heat
Sink, All Channels at 10A Each
Figure 11. 12VIN, 1VOUT, With Heat
Sink, All Channels at 10A Each
Figure 14. 12VIN, 1.8VOUT at 20A,
5VOUT Derating, No Heat Sink
Figure 15. 12VIN, 1.8VOUT at 20A,
5VOUT Derating, with Heat Sink
Figure 12. 12VIN, 1.8VOUT, No Heat
Sink, All Channels at 10A Each
Figure 7. 5V Input Power Loss
Figure 8. 8V Input Power Loss
Figure 9. 12V Input Power Loss
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2
4
6
10
4633 F07
2.5
3.0
1
3
5
7
8
9
5V TO 1V
5V TO 1.2V
5V TO 1.5V
5V TO 1.8V
5V TO 2.5V
5V TO 3.3V
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2
4
6
10
4633 F08
2.5
3.0
1
3
5
7
8
9
8V TO 1V
8V TO 1.2V
8V TO 1.5V
8V TO 1.8V
8V TO 2.5V
8V TO 3.3V
8V TO 5V
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2
4
6
10
4633 F09
2.5
3.5
3.0
1
3
5
7
8
9
12V TO 1V
12V TO 1.2V
12V TO 1.5V
12V TO 1.8V
12V TO 2.5V
12V TO 3.3V
12V TO 5V
TEMPERATURE (°C)
40
20
25
30
100 110
70
80
90
4633 F10
15
10
50
60
120
5
0
35
400LFM
200LFM
0LFM
TEMPERATURE (°C)
40
20
25
30
100 110
70
80
90
4633 F11
15
10
50
60
120
5
0
35
400LFM
200LFM
0LFM
TEMPERATURE (°C)
40
20
25
30
100 110
70
80
90
4633 F12
15
10
50
60
120
5
0
35
400LFM
200LFM
0LFM
TEMPERATURE (°C)
40
20
25
30
100 110
70
80
90
4633 F13
15
10
50
60
120
5
0
35
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
0
2
4
6
8
60
80
100
120
4633 F14
10
12
50
70
90
110
400LFM
200LFM
0LFM
AMBIENT TEMPERATURE (°C)
40
0
2
4
6
8
60
80
100
120
4633 F15
10
12
50
70
90
110
400LFM
200LFM
0LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com