Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 1 Page - Linear Technology

  LTM4633 Datasheet HTML 1Page - Linear Technology LTM4633 Datasheet HTML 2Page - Linear Technology LTM4633 Datasheet HTML 3Page - Linear Technology LTM4633 Datasheet HTML 4Page - Linear Technology LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4633
1
4633f
For more information www.linear.com/LTM4633
Typical applicaTion
FeaTures
DescripTion
Triple 10A Step-Down
DC/DC µModule Regulator
The LTM®4633 µModule® (micromodule) regulator com-
bines three complete 10A switching mode DC/DC con-
verters into one small package. Included in the package
are the switching controllers, power FETs, inductors, and
most support components. The LTM4633’s three regula-
tors operate from 4.7V to 16V input rail(s) or 2.375V to
16V with an external 5V bias. The VOUT1 and VOUT2 output
range is 0.8V to 1.8V, while the VOUT3 output range is 0.8V
to 5.5V. Each output is set by one external resistor.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, multiphase parallel operation
of VOUT1 and VOUT2, soft-start and output voltage tracking
for supply rail sequencing.
Fault protection features include overvoltage protection,
overcurrent protection and temperature monitoring. The
power module is offered in a space saving, thermally
enhanced 15mm
× 15mm × 5.01mm BGA package. The
LTM4633 is RoHS compliant with Pb-free finish.
12V Input to 1.0V, 1.5V and 3.3V Output Regulator
Efficiency vs Load Current
applicaTions
n
Three Independent 10A DC Output Current Regulator
Channels
n
Input Voltage Range: 4.7V to 16V
n
2.375V to 16V with External 5V Bias
n
VOUT1,2 Voltage Range: 0.8V to 1.8V
n
VOUT3 Voltage Range: 0.8V to 5.5V
n
±1.5% Maximum Total DC Output Error
n
Current Mode Control/Fast Transient Response
n
Frequency Synchronization
n
Output Overvoltage and Overcurrent Protection
n
Multiphase Operation with Current Sharing
on VOUT1 and VOUT2
n
General Purpose Temperature Monitors
n
Soft-Start/Voltage Tracking
n
Power Good Monitors
n
15mm
× 15mm × 5.01mm BGA Package
n
Telecom, Networking and Industrial Equipment
n
High Density Point of Load Regulation
L
, LT, LTC, LTM, µModule, PolyPhase, Burst Mode, Linear Technology and the Linear logo are
registered trademarks and PowerPath and LTpowerCAD are trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners. Protected by
U.S. Patents, including 5481178, 5705919, 5929620, 6100678, 6144194, 6177787, 6304066,
6580258 and 8163643. Other patents pending.
242k
1.0V
10A
69.8k
1.5V
10A
19.1k
3.3V
10A
10k
13.3k
10k
4.7µF
6.3V
CNTL_PWR
RUN1
RUN2
RUN3
TK/SS1
TK/SS2
TK/SS3
PGOOD12
PGOOD3
VOUT1
VFB1
VOUT2
VFB2
VOUT3
VFB3
4633 TA01a
GND
MODE/PLLIN
SGND
VIN1
12VIN
VIN2 VIN3
LTM4633
INTVCC
EXTVCC
FREQ/PLLLPF
LOAD CURRENT (A)
0
85
90
95
8
4633 TA01b
80
75
70
1
2
3
4
5
6
7
9 10
12VIN, 3.3V OUTPUT
12VIN, 1.5V OUTPUT
12VIN, 1V OUTPUT


Similar Part No. - LTM4633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4633 LINER-LTM4633 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
logo
Analog Devices
LTM4633 AD-LTM4633 Datasheet
1Mb / 36P
Quad DC/DC 關Module Regulator with Configurable Dual 12A, Dual 5A Output Array
01/20-REV.B
logo
Linear Technology
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
More results

Similar Description - LTM4633

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4637 LINER-LTM4637 Datasheet
585Kb / 28P
20A DC/DC 關Module Step-Down Regulator
LTM4633 LINER-LTM4633_15 Datasheet
519Kb / 32P
Triple 10A Step-Down DC/DC Module Regulator
LTM4649 LINER-LTM4649_15 Datasheet
1Mb / 30P
10A Step-Down DC/DC Module Regulator
LTM4645 LINER-LTM4645 Datasheet
695Kb / 34P
25A DC/DC Step-Down 關Module Regulator
LTM4647 LINER-LTM4647 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4648 LINER-LTM4648 Datasheet
380Kb / 28P
Low VIN, 10A Step-Down 關Module Regulator
LTM4649 LINER-LTM4649 Datasheet
1Mb / 30P
10A Step-Down DC/DC 關Module Regulator
LTM4649EY LINER-LTM4649EY Datasheet
667Kb / 8P
High Efficiency 10A Step-Down 關Module Regulator
logo
Analog Devices
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTM4658 AD-LTM4658 Datasheet
1Mb / 26P
Low VIN, High Efficiency 10A Step-Down DC/DC 關Module Regulator
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com