Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology LTM4633 Datasheet HTML 29Page - Linear Technology LTM4633 Datasheet HTML 30Page - Linear Technology LTM4633 Datasheet HTML 31Page - Linear Technology LTM4633 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTM4633
29
4633f
For more information www.linear.com/LTM4633
RFB3
28.7k
RT
RFB2
48.7k
RFB1
242k
COUT5
470µF
COUT8
470µF
COUT4
100µF
220pF
1V
VFB1
VFB1
VFB2
1.8V
2.5V
COUT6
100µF
220pF
VFB3
100pF
COUT1
100µF
COUT2
100µF
COUT3
100µF
COUT7
100µF
VFB2
VFB3
REDUCED TRACKING FEEDBACK
DIVIDER BY A FACTOR OF 10 TO
REDUCE TK/SS CURRENT ERROR
CSS3
0.22µF
4.87k
24.3k
6.04k
2.5V
2.5V
6.04k
CIN1
22µF
6.3V
CIN3
22µF
6.3V
CIN2
22µF
6.3V
10k
10k
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1 VFB1
VOUT2 VFB2
VOUT3 VFB3
4633 F19
GND SGND
VIN
VIN1 SW1
VIN2
4.7V TO 5.5V
SW2
VIN3
LTM4633
SW3
4.7µF
6.3V
INTVCC EXTVCC
TK/SS1
A/D
RT =
VIN
100µA
Typical applicaTions
Figure 19. 5V Input, 1V, 1.8V and 2.5V at 10A with Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com