Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 3Page - Linear Technology LTM4633 Datasheet HTML 4Page - Linear Technology LTM4633 Datasheet HTML 5Page - Linear Technology LTM4633 Datasheet HTML 6Page - Linear Technology LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology LTM4633 Datasheet HTML 10Page - Linear Technology LTM4633 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
LTM4634
7
4634f
For more information www.linear.com/LTM4634
Typical perForMance characTerisTics
24V to 5V Full Load Short
Start-Up into Pre-Bias
Steady-State Output Ripple
pin FuncTions
GND (A4, A8-A9, D1- D12, E1-E12, F4, F8, F12, G3-G4,
G7-G8, G11-G12, H3-H4, H7-H8, H11-H12, J1-J5, J7,
J9-J12, K1-K3, K8-K10, K12,L1-L2,L12, M1, M6-M8,
M12): Ground Pins for Both Input and Output Returns.
All ground pins need to connect with large copper areas
underneath the unit.
VOUT1, VOUT2, VOUT3 (A10-A12, B9-B12, and C10-C12);
(A5-A7, B5-B8, C6-C8); (A1-A3, B1-B4, C1-C4): Power
Output Pins. Apply output load between these pins and
the GND pins. Recommend placing output decoupling
capacitance directly between these pins and the GND
pins. See Table 4.
TEMP1 AND TEMP2 (C9, C5): Two Onboard Temperature
Diodes for Monitoring the VBE Junction Voltage Change
with Temperature. Each of these two temperature diode
connected PNP transistors is placed in the middle of
channel 1 and channel 2, and in the middle of channel 2
and channel 3. See the Applications Information section
and an example in Figure 25. Leave floating if not used.
VIN1,VIN2,VIN3 (F9-F10,G9-G10,H9-H10);(F5-F6,G5-
G6,H5-H6);(F1-F2,G1-G2,H1-H2): Power Input Pins.
Apply input voltage between these pins and the GND pins.
Recommendplacinginputdecouplingcapacitancedirectly
between the VIN pins and the GND pins. The VIN paths
can be all combined from one power source, or powered
from independent power sources. See the Applications
Information section.
SW1 (F11), SW2 (F7), SW3 (F3): The internal switch
node for each of the regulator channels for monitoring
the switching waveform. An R-C snubber circuit can be
placed on these pins to ground to eliminate switch node
ringing noise.
CNTL_PWR (J6): Input Supply to an Internal Bias LDO to
Power the Internal Controller and MOSFET Drivers. The
operating voltage range is 4.75V to 28V under all condi-
tions. If the voltage at CNTL_PWR is ≤5.8V, the INTVCC
pin should be tied to CNTL_PWR for optimum efficiency.
If the voltage at CNTL_PWR is >5.8V, leave INTVCC float-
ing with the recommended decoupling capacitor. To
eliminate power loss in the onboard linear regulator and
improve efficiency connect a 5V supply at EXTVCC. Ensure
CNTL_PWR > EXTVCC at all times to avoid reverse polarity
on the internal bias LDO.
VOUT
2V/DIV
IIN
1A/DIV
20µs/DIV
4634 G19
VIN = 24V
VOUT = 5V
IOUT = 5A
COUT = 2 × 100µF X5R 1210
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
RUN
5V/DIV
VOUT1
1V/DIV
SW
10V/DIV
20ms/DIV
4634 G20
PREBIAS 1.5V OUTPUT STARTING AT 0.5V BIAS
12V INPUT
VOUT
RIPPLE
10mV/DIV
SW NODE
5V/DIV
2µs/DIV
4634 G21
12V TO 3.3V AT 5A LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com