Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 23Page - Linear Technology LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology LTM4633 Datasheet HTML 29Page - Linear Technology LTM4633 Datasheet HTML 30Page - Linear Technology LTM4633 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTM4634
27
4634f
For more information www.linear.com/LTM4634
Typical applicaTions
Figure 23. LTM4634 Triple Input and Triple Output (2.5V, 1.5V and 3.3V) at 5A, 5A and 4A
RFB3
19.1k
VFB3
VFB2
VFB1
RFB2
69.8k
RFB1
28.7k
COUT2
220µF
4V
COUT5
220µF
4V
COUT8
100µF
6.3V
3.3V
1.5V
2.5V
47pF
VFB1
47pF
VFB2
47pF
VFB3
COUT1
220µF
4V
COUT4
220µF
4V
COUT7
100µF
6.3V
CSS3
0.1µF
CSS1
0.1µF
120k
50k
CIN9
22µF
6.3V
CIN8
22µF
6.3V
10k
10k
CNTL_PWR
MODE/PLLIN
RUN1
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1 VFB1
VOUT2 VFB2
VOUT3 VFB3
4634 F23
GND SGND
VIN1 SW1
VIN2
5V
12V
SW2
VIN3
LTM4634
SW3
4.7µF
6.3V
INTVCC EXTVCC
CSS2
0.1µF
TK/SS1
CIN6
22µF
16V
CIN5
22µF
16V
24V
56µF
50V
CIN2
4.7µF
50V
CIN1
4.7µF
50V
5V INPUT
12V INPUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com