Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 20Page - Linear Technology LTM4633 Datasheet HTML 21Page - Linear Technology LTM4633 Datasheet HTML 22Page - Linear Technology LTM4633 Datasheet HTML 23Page - Linear Technology LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTM4634
24
4634f
For more information www.linear.com/LTM4634
applicaTions inForMaTion
Table 2. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 15, 19
12, 24
Figures 8 to 13
0
None
9.0
Figures 15, 19
12, 24
Figures 8 to 13
200
None
7.5
Figures 15, 19
12, 24
Figures 8 to 13
400
None
6.5
Figures 14, 18
12, 24
Figures 8 to 13
0
BGA Heat Sink
9.0
Figures 14, 18
12, 24
Figures 8 to 13
200
BGA Heat Sink
6.5
Figures 14, 18
12, 24
Figures 8 to 13
400
BGA Heat Sink
6.0
Table 3. 5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIR FLOW (LFM)
HEAT SINK
θJA (°C/W)
Figures 17, 20
12, 24
Figures 8 to 13
0
None
9.0
Figures 17, 20
12, 24
Figures 8 to 13
200
None
7.5
Figures 17, 20
12, 24
Figures 8 to 13
400
None
6.5
Figures 16, 21
12, 24
Figures 8 to 13
0
BGA Heat Sink
9.0
Figures 16, 21
12, 24
Figures 8 to 13
200
BGA Heat Sink
6.5
Figures 16, 21
12, 24
Figures 8 to 13
400
BGA Heat Sink
6.0
Heat Sink Manufacturer Part Number Website
Aavid Thermalloy
375424B00034G
www.aavid.com
Cool Innovations
4-050503P to
4-050508P
www.coolinnovations.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com