Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 16 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 12Page - Linear Technology LTM4633 Datasheet HTML 13Page - Linear Technology LTM4633 Datasheet HTML 14Page - Linear Technology LTM4633 Datasheet HTML 15Page - Linear Technology LTM4633 Datasheet HTML 16Page - Linear Technology LTM4633 Datasheet HTML 17Page - Linear Technology LTM4633 Datasheet HTML 18Page - Linear Technology LTM4633 Datasheet HTML 19Page - Linear Technology LTM4633 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LTM4634
16
4634f
For more information www.linear.com/LTM4634
applicaTions inForMaTion
internal comparator monitor will turn off the top power
switch, and turn on the bottom power switch to protect the
load. If the top power switch faults as a short, then a fuse
or circuit breaker would be recommended to protect the
system. This is due to the top switch being shorted while
the bottom switch is turning on to protect the output from
over voltage. High currents will flow and could damage
the bottom switch.
Stability Compensation
The module has already been internally compensated for
all output voltages. Table 4 is provided for most applica-
tion requirements with verified stability. LTpowerCAD is
available for other control loop optimization.
Run Enable
The RUN 1, 2, 3 pins have an enable threshold of 1.4V
maximum, typically 1.3V with 175mV of hysteresis. They
control the turn-on of their respective channel. There is
a 10k resistor on each pin to ground. The RUN pins can
be pulled up to VIN for 5V operation, or a resistor can be
placed on the pins and connected to VIN for higher than 5V
input. This resistor can be set along with the onboard 10k
resistor such that an undervoltage lockout (UVLO) level
can be programmed to shut down a particular regulator
channel if VIN falls below a set value. Use the equation:
R
=
10k UVLO–1.3V
(
)
1.3V
where R is the resistor from the RUN pin to VIN to set the
UVLO trip point. For example, if the UVLO point is to be
6.25V while operating at 12V input:
R
=
10k 6.25V –1.3V
(
)
1.3V
≈ 38k
See the Block Diagram in Figure 1. The RUN pins must
never exceed 6V maximum voltage. The RUN pins have
to be pulled up to enable the regulators.
SW Pins
The SW pins are generally for testing purposes by moni-
toring the pin. The SW pin can also be used to dampen
out switch node ringing caused by LC parasitics in the
switched current path. Usually a series R-C combination
is used called a snubber circuit. The resistor will dampen
the resonance and the capacitor is chosen to only affect
the high frequency ringing across the resistor.
If the stray inductance or capacitance can be measured
or approximated then a somewhat analytical technique
can be used to select the snubber values. The inductance
is usually easier to predict. It combines the PowerPath™
board inductance in combination with the MOSFET inter-
connect inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance, Z,
can be calculated:
Z(L) = 2π • f • L
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by:
Z(C) =
1
2
π • f •C
these values are a good place to start with. Modification to
these components should be made to attenuate the ring-
ing without lowering the regulator’s conversion efficiency.
INTVCC and EXTVCC
The LTM4634 has an onboard linear regulator fed by
CNTL_PWR which delivers a roughly 5V output at INTVCC
to power the internal controller and MOSFET drivers for all
three regulator channels. Apply a 4.7µF ceramic capacitor
between INTVCC and ground for decoupling. CNTL_PWR
requires a voltage between 4.75V to 28V. If the voltage
supplied to CNTL_PWR is ≤ 5.8V, connect INTVCC to
CNTL_PWR. Otherwise, INTVCC should be left floating.
To eliminate power loss in the onboard linear regulator
and improve efficiency connect a supply from 4.7V to 6V
at EXTVCC. Biasing EXTVCC at 5V will reduce the power
loss in the internal LDO by (VCNTL_PWR – 5V) • 90mA
and is recommended for VCNTRL_POWER ≥ 12V when all
three channels are operating. If EXTVCC is used add a 1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com