Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 32 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology LTM4633 Datasheet HTML 29Page - Linear Technology LTM4633 Datasheet HTML 30Page - Linear Technology LTM4633 Datasheet HTML 31Page - Linear Technology LTM4633 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTM4634
32
4634f
For more information www.linear.com/LTM4634
LINEAR TECHNOLOGY CORPORATION 2014
LT 0814 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTM4634
Typical applicaTion
relaTeD parTs
RFB3
11.5k
RFB1
60.4k
5V AT 1A
FOR OTHER CIRCUITS
COUT2
220µF
4V
1.2V
5VOUT
COUT5
220µF
4V
COUT1
220µF
4V
COUT
SEE TABLE 4
CSS3
0.1µF
24V
24V
1µF
2
120k
CSS1
0.1µF
CIN3
22µF
6.3V
CIN4
22µF
6.3V
COUT4
220µF
4V
COUT7
100µF
6.3V
COUT8
22µF
6.3V
10k
10k
10k
30k
RUN3
CNTL_PWR
MODE/PLLIN
RUN2
RUN3
TK/SS2
TK/SS3
FREQ/PLLLPF
COMP1
COMP2
COMP3
PGOOD12
PGOOD3
TEMP1
TEMP2
VOUT1 VFB1
VFB1
VFB1
47pF
VFB3
47pF
VOUT2 VFB2
VOUT3 VFB3
VFB3
4634 F26
GND SGND
VIN1 SW1
VIN2
5VOUT AT 3A
SW2
VIN3
LTM4634
SW3
4.7µF
INTVCC EXTVCC
5VOUT
TK/SS1
24V INPUT
CIN7
4.7µF
50V
56µF
50V
CIN6
4.7µF
50V
RUN1
+
Figure 26. 24V to 5V at 1A, Then 5V Output to 1.2V at 10A
PART NUMBER DESCRIPTION
COMMENTS
LTM4633
Triple 10A, 16VIN Step-Down DC/DC µModule
Regulator
4.7V ≤ VIN ≤ 16V, 0.8V ≤ VOUT1,2 ≤ 1.8V, 0.8V ≤ VOUT3 ≤ 5.5V, PLL Input, VOUT Soft-Start
and Tracking, PGOOD, Internal Temperature Monitor, 15mm
× 15mm × 5.01mm BGA
LTM4630
Dual 15VIN, 18A or Single 36A Step-Down
µModule Regulator with VOUT Up to 1.8V
4.5V ≤ VIN ≤ 15V, 0.6V ≤ VOUT ≤ 1.8V, PLL Input, Remote Sense Amplifier, VOUT Tracking,
PGOOD, CLKOUT, Internal Temperature Monitor, 16mm
× 16mm × 4.41mm LGA
LTM4644
Quad 4A, 14V Step-Down µModule Regulator
with Configurable Output Array
4V ≤ VIN ≤ 14V, 0.6V ≤ VOUT ≤ 5.5V, CLK Input and Output, VOUT Tracking, PGOOD,
9mm
× 15mm × 5.01mm BGA
LTM4676
Dual 13A or Single 26A µModule Regulator
with Digital Power System Management
4.5V ≤ VIN ≤ 26V, 0.5V ≤ VOUT0 ≤ 4.0V, 0.5V ≤ VOUT1 ≤ 5.4V, Digital I/F for Control and
Monitoring, Integrated 16-Bit ADC, PMBus Compliant I2C Interface, Remote Sense
Amplifiers, 16mm
× 16mm × 5.01mm BGA
LTM8028
36VIN, UltraFast™, Low Output Noise 5A
µModule Regulator
6V ≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 1.8V Set Via 3-Pin Three-State Interface, <1mV VOUT
Ripple, 10% Accurate Current Limit, PGOOD, 15mm
× 15mm × 4.9mm BGA
LTM4637
20VIN, 20A DC/DC µModule Step-Down
Regulator
4.5V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, PLL Input, VOUT Tracking, Remote Sense Amplifier,
PGOOD, 15mm
× 15mm × 4.32mm LGA and 15mm × 15mm × 4.92mm BGA
LTM8045
Inverting or SEPIC _Module DC/DC Converter
with Up to 700mA Output Current
2.8V ≤ VIN ≤ 18V, ±2.5V ≤ VOUT ≤ ±15V, Synchronizable, No Derating or Logic-Level Shift
for Control Inputs When Inverting, 6.25mm
× 11.25mm × 4.92mm BGA
LTC2977
8-Channel PMBus Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Temperature Monitoring and Supervision
LTC2974
4-Channel PMBus Power System Manager
0.25% TUE 16-Bit ADC, Voltage/Current/Temperature Monitoring and Supervision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com