Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 30 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 24Page - Linear Technology LTM4633 Datasheet HTML 25Page - Linear Technology LTM4633 Datasheet HTML 26Page - Linear Technology LTM4633 Datasheet HTML 27Page - Linear Technology LTM4633 Datasheet HTML 28Page - Linear Technology LTM4633 Datasheet HTML 29Page - Linear Technology LTM4633 Datasheet HTML 30Page - Linear Technology LTM4633 Datasheet HTML 31Page - Linear Technology LTM4633 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTM4634
30
4634f
For more information www.linear.com/LTM4634
LTM4634 Component BGA Pinout
package DescripTion
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
VOUT3
B1
VOUT3
C1
VOUT3
D1
GND
E1
GND
F1
VIN3
A2
VOUT3
B2
VOUT3
C2
VOUT3
D2
GND
E2
GND
F2
VIN3
A3
VOUT3
B3
VOUT3
C3
VOUT3
D3
GND
E3
GND
F3
SW3
A4
GND
B4
VOUT3
C4
VOUT3
D4
GND
E4
GND
F4
GND
A5
VOUT2
B5
VOUT2
C5
TEMP2
D5
GND
E5
GND
F5
VIN2
A6
VOUT2
B6
VOUT2
C6
VOUT2
D6
GND
E6
GND
F6
VIN2
A7
VOUT2
B7
VOUT2
C7
VOUT2
D7
GND
E7
GND
F7
SW2
A8
GND
B8
VOUT2
C8
VOUT2
D8
GND
E8
GND
F8
GND
A9
GND
B9
VOUT1
C9
TEMP1
D9
GND
E9
GND
F9
VIN1
A10
VOUT1
B10
VOUT1
C10
VOUT1
D10
GND
E10
GND
F10
VIN1
A11
VOUT1
B11
VOUT1
C11
VOUT1
D11
GND
E11
GND
F11
SW1
A12
VOUT1
B12
VOUT1
C12
VOUT1
D12
GND
E12
GND
F12
GND
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
G1
VIN3
H1
VIN3
J1
GND
K1
GND
L1
GND
M1
GND
G2
VIN3
H2
VIN3
J2
GND
K2
GND
L2
GND
M2
PGOOD12
G3
GND
H3
GND
J3
GND
K3
GND
L3
EXTVCC
M3
PGOOD3
G4
GND
H4
GND
J4
GND
K4
COMP3
L4
COMP2
M4
COMP1
G5
VIN2
H5
VIN2
J5
GND
K5
VFB3
L5
VFB2
M5
VFB1
G6
VIN2
H6
VIN2
J6
CNTL_PWR
K6
SGND
L6
SGND
M6
GND
G7
GND
H7
GND
J7
GND
K7
SGND
L7
SGND
M7
GND
G8
GND
H8
GND
J8
INTVCC
K8
GND
L8
FREQ/PLLLPF
M8
GND
G9
VIN1
H9
VIN1
J9
GND
K9
GND
L9
MODE/PLLIN
M9
TK/SS1
G10
VIN1
H10
VIN1
J10
GND
K10
GND
L10
RUN1
M10
TK/SS2
G11
GND
H11
GND
J11
GND
K11
RUN3
L11
RUN2
M11
TK/SS3
G12
GND
H12
GND
J12
GND
K12
GND
L12
GND
M12
GND
package phoTo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com