Electronic Components Datasheet Search
  English  ▼

X  

LTM4633 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4633
Description  Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology LTM4633 Datasheet HTML 10Page - Linear Technology LTM4633 Datasheet HTML 11Page - Linear Technology LTM4633 Datasheet HTML 12Page - Linear Technology LTM4633 Datasheet HTML 13Page - Linear Technology LTM4633 Datasheet HTML 14Page - Linear Technology LTM4633 Datasheet HTML 15Page - Linear Technology LTM4633 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTM4634
12
4634f
For more information www.linear.com/LTM4634
applicaTions inForMaTion
of the input RMS current ratings will need to be calculated
specific to that channel.
Output Capacitors
The LTM4634 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR)
to meet the output voltage ripple and transient require-
ments. COUT can be a low ESR tantalum capacitor, low
ESR Polymer capacitor or ceramic capacitor. The typical
outputcapacitancerangeisfrom200µFto470µF.Additional
output filtering may be required by the system designer
if further reduction of output ripple or dynamic transient
spikesisrequired.Table4showsamatrixofdifferentoutput
voltages and output capacitors to minimize the voltage
droop and overshoot during a 5A/µs transient. The table
optimizes total equivalent ESR and total bulk capacitance
to optimize the transient performance. Stability criteria
are considered in the Table 4 matrix, and LTpowerCAD is
available for stability analysis. LTpowerCAD can calculate
the output ripple reduction as the number of implemented
phases increases by N times.
Burst Mode Operation
The LTM4634 is capable of Burst Mode operation in
which the power MOSFETs operate intermittently based
on load demand, thus saving quiescent current. For ap-
plications where maximizing the efficiency at very light
loads is a high priority, Burst Mode operation should be
applied. To enable Burst Mode operation, simply float
the MODE/PLLIN pin. During Burst Mode operation, the
peak current of the inductor is set to approximately 30%
of the maximum peak current value in normal operation
even though the voltage at the COMP pin indicates a
lower value. The voltage at the COMP pin drops when
the inductor’s average current is greater than the load
requirement. As the COMP voltage drops below 0.5V, the
burst comparator trips, causing the internal sleep line to
go high and turn off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned
off, reducing the quiescent current. The load current is
now being supplied from the output capacitors. When the
output voltage drops, causing COMP to rise, the internal
sleep line goes low, and the LTM4634 resumes normal
operation. The next oscillator cycle will turn on the top
power MOSFET and the switching cycle repeats.
Pulse-Skipping Mode Operation
Inapplicationswherelowoutputrippleandhighefficiency
at intermediate currents are desired, pulse-skipping
mode should be used. Pulse-skipping operation allows
the LTM4634 to skip cycles at low output loads, thus
increasing efficiency by reducing switching loss. Tying
the MODE/PLLINpin to INTVCC enables pulse-skipping
operation. With pulse-skipping mode at light load, the
internalcurrentcomparatormayremaintrippedforseveral
cycles, thus skipping operation cycles. This mode has
lower ripple than Burst Mode operation and maintains a
higher frequency operation than Burst Mode operation.
Forced Continuous Operation
In applications where fixed frequency operation is more
critical than low current efficiency, and where the lowest
output ripple is desired, forced continuous operation
should be used. Forced continuous operation can be
enabled by tying the MODE/PLLIN pin to ground. In this
mode, inductor current is allowed to reverse during low
output loads, the COMP voltage is in control of the current
comparator threshold throughout, and the top MOSFET
alwaysturnsonwitheachoscillatorpulse.Duringstart-up,
forced continuous mode is disabled and inductor current
is prevented from reversing until the LTM4634 output
voltage is in regulation.
Frequency Synchronization
The LTM4634 device operates up to 750kHz. It can also be
synchronizedwithaninputclockthathasahighlevelabove
2V and a low level below 0.8V at the MODE/PLLIN pin. The
FREQ/PLLLPF pin must be floating when synchronized to
an incoming clock. Once the LTM4634 is synchronized to
an external clock frequency, it will always be running in
forced continuous operation. The synchronizing range is
from 250kHz to 750kHz. For VOUT1,2,3 ≤ 1.5V use 250kHz
to 300kHz, 1.5V ≤ VOUT1,2,3 ≤ 2.5V use 400kHz, 2.5V ≤
VOUT1,2,3 ≤ 5V use 600kHz. If VOUT3 is greater than 5V
up to 12V set the operating frequency to 750kHz. These



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com