Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LTC3774
9
3774fc
For more information www.linear.com/LTC3774
FUNCTIONAL BLOCK DIAGRAM
SLEEP
INTVCC
0.55V
NOTE: FUNCTIONAL BLOCK DIAGRAM SHOWS 1 CHANNEL ONLY. THE 2 CHANNELS ARE IDENTICAL.
–
+
0.5V
SS
1.22V
RUN
1.25µA
VIN
EA
ITH R
C
CC1
CSS
RUN
TK/SS
0.6V
REF
S
R Q
PHSMD
5.5V
REG
ACTIVE CLAMP
OSC
MODE/SYNC
DETECT
SLOPE
COMPENSATION
UVLO
1
R
ITHB
1µA/5µA
FREQ
CLKOUT
MODE/PLLIN
ITEMP
0.6V
BURST EN
ILIM
–
+
ICMP
IREV
F
–
+
–
+
OV
UV
–
+
DIFFAMP
–
+
AMP
0.555V
PGOOD
SNS–
SNSA+
PWM
INTVCC
VOSNS–
VOSNS+
SNSD+
3774 BD
GND
0.645V
20k
20k
OV
RUN
ON
FCNT
PLL-SYNC
TEMPSNS
VIN
SNS–
1/2
PWMEN
SWITCH
LOGIC
HIZB
INTVCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com