Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
LTC3774
11
3774fc
For more information www.linear.com/LTC3774
OPERATION
used to cause the start-up of VOUT to track that of another
supply. Typically, this requires connecting to the TK/SS
pin an external resistor divider from the other supply to
ground (see the Applications Information section). When
the RUN pin is pulled low to disable the controller, or when
INTVCC drops below its undervoltage lockout threshold of
3.75V, the TK/SS pin is pulled low by an internal MOSFET.
When in undervoltage lockout, the controller is disabled
and the external MOSFETs are held off.
Light Load Current Operation (Burst Mode Operation,
Pulse-Skipping or Continuous Conduction)
The LTC3774 can be enabled to enter high efficiency Burst
Modeoperation,constant-frequencypulse-skippingmode
or forced continuous conduction mode. To select forced
continuous operation, tie the MODE pin to GND. To select
pulse-skipping mode of operation, tie the MODE/PLLIN
pin to INTVCC. To select Burst Mode operation, float the
MODE/PLLIN pin. When the controller is enabled for Burst
Mode operation, the peak current in the inductor is set to
approximately one-third of the maximum sense voltage
even though the voltage on the ITH pin indicates a lower
value. If the average inductor current is higher than the
load current, the error amplifier, EA, will decrease the
voltage on the ITH pin. When the ITH voltage drops below
0.5V, the internal sleep signal goes high (enabling “sleep”
mode) and both external MOSFETs are turned off.
In sleep mode, the load current is supplied by the output
capacitor.Astheoutputvoltagedecreases,theEA’soutput
begins to rise. When the output voltage drops enough, the
sleep signal goes low, and the controller resumes normal
operation by turning on the top external MOSFET on the
next cycle of the internal oscillator. When the controller
is enabled for Burst Mode operation, the inductor current
is not allowed to reverse. The reverse current comparator
(IREV) turns off the bottom external MOSFET just before
the inductor current reaches zero, preventing it from re-
versing and going negative. Thus, the controller operates
in discontinuous operation.
In forced continuous operation, the inductor current is
allowed to reverse at light loads or under large transient
conditions. The peak inductor current is determined by
the voltage on the ITH pin, just as in normal operation. In
this mode, the efficiency at light loads is lower than in
BurstModeoperation.However,continuousmodehasthe
advantages of lower output ripple and less interference
with audio circuitry.
When the MODE/PLLIN pin is connected to INTVCC, the
LTC3774 operates in PWM pulse skipping mode at light
loads. At very light loads, the current comparator, ICMP,
mayremaintrippedforseveralcyclesandforcetheexternal
top MOSFET to stay off for the same number of cycles (i.e.,
skipping pulses). The inductor current is not allowed to
reverse (discontinuous operation). This mode, like forced
continuous operation, exhibits low output ripple as well as
low audio noise and reduced RF interference as compared
to Burst Mode operation. It provides higher low current
efficiency than forced continuous mode, but not nearly as
high as Burst Mode operation.
Frequency Selection and Phase-Locked Loop
(FREQ and MODE/PLLIN Pins)
Theselectionofswitchingfrequencyisatrade-offbetween
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
If the MODE/PLLIN pin is not being driven by an external
clock source, the FREQ pin can be used to program the
controller’s operating frequency from 200kHz to 1.2MHz.
There is a precision 20µA current flowing out of the FREQ
pin so that the user can program the controller’s switching
frequencywithasingleresistortoGND.Acurveisprovided
later in the Applications Information section showing the
relationship between the voltage on the FREQ pin and
switching frequency.
A phase-locked loop (PLL) is available on the LTC3774
to synchronize the internal oscillator to an external clock
source that is connected to the MODE/PLLIN pin. The PLL
loop filter network is integrated inside the LTC3774. The
phase-locked loop is capable of locking any frequency
withintherangeof200kHzto1.2MHz.Thefrequencysetting
resistor should always be present to set the controller’s
initial switching frequency before locking to the external
clock. The controller operates in forced continuous mode
when it is synchronized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com