Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTC3774
29
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
Checking Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ∆ILOAD • ESR, where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem. The
availability of the ITH pin not only allows optimization of
control loop behavior but also provides a DC-coupled and
AC-filtered closed-loop response test point. The DC step,
rise time and settling at this test point truly reflects the
closed-loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin.Thebandwidthcanalsobeestimatedbyexaminingthe
rise time at the pin. The ITH external components shown
in the Typical Application circuit will provide an adequate
starting point for most applications. The ITH series RC-CC
filter sets the dominant pole-zero loop compensation.
The values can be modified slightly (from 0.5 to 2 times
their suggested values) to optimize transient response
once the final PC layout is done and the particular output
capacitortypeandvaluehavebeendetermined.Theoutput
capacitors need to be selected because the various types
and values determine the loop gain and phase. An output
current pulse of 20% to 80% of full-load current having a
rise time of 1µs to 10µs will produce output voltage and
ITH pin waveforms that will give a sense of the overall
loop stability without breaking the feedback loop. Placing
a power MOSFET directly across the output capacitor and
driving the gate with an appropriate signal generator is a
practicalwaytoproducearealisticloadstepcondition. The
initial output voltage step resulting from the step change
in output current may not be within the bandwidth of the
feedback loop, so this signal cannot be used to determine
phase margin. This is why it is better to look at the ITH
pin signal which is in the feedback loop and is the filtered
and compensated control loop response. The gain of the
loop will be increased by increasing RC and the bandwidth
of the loop will be increased by decreasing CC. If RC is
increased by the same factor that CC is decreased, the
zero frequency will be kept the same, thereby keeping the
phase shift the same in the most critical frequency range
of the feedback loop. The output voltage settling behavior
is related to the stability of the closed-loop system and
will demonstrate the actual overall supply performance.
A second, more severe transient is caused by switching
in loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If the ratio of
CLOAD to COUT is greater than 1:50, the switch rise time
should be controlled so that the load rise time is limited
to approximately 25 • CLOAD. Thus a 10µF capacitor would
require a 250µs rise time, limiting the charging current
to about 200mA.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
IC. These items are also illustrated graphically in the layout
diagram of Figure 14. Check the following in the PC layout:
1. The INTVCC decoupling capacitor should be placed
immediately adjacent to the IC between the INTVCC pin
and GND plane. A 1µF ceramic capacitor of the X7R or
X5R type is small enough to fit very close to the IC. An
additional 4.7µF to 10µF of ceramic, tantalum or other
very low ESR capacitance is recommended in order to
keep the internal IC supply quiet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com