Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology LTC4449 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
LTC3774
15
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
The Typical Application on the first page of this data sheet
is a basic LTC3774 application circuit. The LTC3774 is
designed and optimized for use with a very low DCR
value by utilizing a novel approach to reduce the noise
sensitivity of the sensing signal by a factor of 14dB. DCR
sensing is becoming popular because it saves expensive
current sensing resistors and is more power efficient,
especially in high current applications. However, as the
DCR value drops below 1mΩ, the signal-to-noise ratio
is low and current sensing is difficult. LTC3774 uses an
LTC proprietary technique to solve this issue. In general,
externalcomponentselectionisdrivenbytheloadrequire-
ment, and begins with the DCR and inductor value. Next,
power MOSFETs are selected. Finally, input and output
capacitors are selected.
Current Limit Programming
The ILIM pin is a 5-level logic input which sets the maxi-
mum current limit of the controller. When ILIM is either
grounded, floated or tied to INTVCC, the typical value for
the maximum current sense threshold will be 10mV,
20mV or 30mV, respectively. Setting ILIM to one-fourth
INTVCC and three-fourths INTVCC for maximum current
sense thresholds of 15mV and 25mV. Setting ILIM using
a resistor divider off of INTVCC will allow the maximum
current sense threshold setting to not change when the
5.5V LDO is in dropout at start-up. Please note that the
ILIM pin has an internal 500k pull-down to GND and a 500k
pull-up to INTVCC.
Which setting should be used? For the best current limit
accuracy, use the highest setting that is applicable to the
output requirements.
SNSD+, SNSA+ and SNS– Pins
The SNSA+ and SNS– pins are the inputs to the current
comparators, while the SNSD+ pin is the input of an
internal amplifier. The operating input voltage range is
0V to 3.5V for all three sense pins. All the positive sense
pins that are connected to the current comparator or the
amplifier are high impedance with input bias currents
of less than 1µA, but there is also a resistance of about
300k from the SNS– pin to ground. The SNS– should
be connected directly to VOUT. The SNSD+ pin connects
to the filter that has a R1•C1 time constant matched to
L/DCR of the inductor. The SNSA+ pin is connected to
the second filter with the time constant one-fifth that
of R1•C1. Care must be taken not to float these pins
during normal operation. Filter components, especially
capacitors, must be placed close to the LTC3774, and
the sense lines should run close together to a Kelvin con-
nection underneath the current sense element (Figure 3).
Because the LTC3774 is designed to be used with a very
low DCR value to sense inductor current, without proper
care, the parasitic resistance, capacitance and inductance
will degrade the current sense signal integrity, making
the programmed current limit unpredictable. As shown
in Figure 4, resistors R1 and R2 are placed close to the
output inductor and capacitors C1 and C2 are close to
the IC pins to prevent noise coupling to the sense signal.
Figure 3. Sense Lines Placement with Inductor DCR
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
INDUCTOR
3774 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com