Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LTC3774
14
3774fc
For more information www.linear.com/LTC3774
OPERATION
Power Good (PGOOD Pin)
The PGOOD pin is connected to the open drain of an inter-
nal N-channel MOSFET. The MOSFET turns on and pulls
the PGOOD pin low when the VOSNS+ pin voltage is not
within ±7.5% of the 0.6V reference voltage. The PGOOD
pin is also pulled low when the RUN pin is below 1.14V
or when the LTC3774 is in the soft-start or tracking up
phase. When the VOSNS+ pin voltage is within the ±7.5%
regulation window, the MOSFET is turned off and the
pin is allowed to be pulled up by an external resistor to a
source of up to 6V. The PGOOD pin will flag power good
immediately when the VOSNS+ pin is within the regulation
window. However, there is an internal 45µs power-bad
mask when the VOSNS+ goes out of the window.
Output Overvoltage Protection
An overvoltage comparator, OV, guards against transient
overshoots (>7.5%) as well as other more serious condi-
tions that may overvoltage the output. In such cases, the
topMOSFETisturnedoffandthebottomMOSFETisturned
on until the overvoltage condition is cleared.
Undervoltage Lockout
The LTC3774 has two functions that help protect the
controller in case of undervoltage conditions. A precision
UVLO comparator constantly monitors the INTVCCvoltage
to ensure that an adequate gate-drive voltage is present.
It locks out the switching action when INTVCC is below
3.75V. To prevent oscillation when there is a disturbance
on the INTVCC, the UVLO comparator has 500mV of preci-
sion hysteresis.
Another way to detect an undervoltage condition is to
monitor the VIN supply. Because the RUN pin has a preci-
sion turn-on reference of 1.22V, one can use a resistor
divider to VIN to turn on the IC when VIN is high enough.
An extra 4µA of current flows out of the RUN pin once the
RUN pin voltage passes 1.22V. The RUN comparator itself
hasabout80mVofhysteresis.Onecanprogramadditional
hysteresis for the RUN comparator by adjusting the values
of the resistive divider. For accurate VIN undervoltage
detection, VIN needs to be higher than 4.75V. Always
set the VIN undervoltage detection threshold higher than
the power stage UVLO threshold so that the LTC3774 is
enabled after the power stage is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com