Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology LTC4449 Datasheet HTML 19Page - Linear Technology LTC4449 Datasheet HTML 20Page - Linear Technology LTC4449 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
LTC3774
17
3774fc
For more information www.linear.com/LTC3774
APPLICATIONS INFORMATION
Toensurethattheloadcurrentwillbedeliveredoverthefull
operatingtemperaturerange,thetemperaturecoefficientof
DCR resistance, approximately 0.4%/°C, should be taken
into account. The LTC3774 features a DCR temperature
compensationcircuitthatusesanNTCtemperaturesensing
resistor for this purpose. See the Inductor DCR Sensing
Temperature Compensation section for details.
Typically, C1 and C2 are selected in the range of 0.047µF
to 0.47µF. If C1 and C2 are chosen to be 220nF, and an
inductor of 330nH with 0.32mΩ DCR is selected, R1 and
R2 will be 4.7k and 942Ω respectively. The bias current at
SNSD+ and SNSA+ is about 30nA and 500nA respectively,
and it causes some small error to the sense signal.
There will be some power loss in R1 and R2 that relates to
the duty cycle, and will be the most in continuous mode
at the maximum input voltage:
PLOSS R
( ) =
VIN(MAX) – VOUT
(
)• VOUT
R
Ensure that R1 and R2 have a power rating higher than this
value. However, DCR sensing eliminates the conduction
loss of a sense resistor; it will provide a better efficiency
at heavy loads. To maintain a good signal-to-noise ratio
for the current sense signal, using a minimum ∆VSENSE of
2mV for duty cycles less than 40% is desirable. The actual
ripplevoltagewillbedeterminedbythefollowingequation:
∆VSENSE =
VOUT
VIN
•
VIN – VOUT
R1• C1• fOSC
Inductor DCR Sensing Temperature Compensation
and the ITEMP Pin
Inductor DCR current sensing provides a lossless method
of sensing the instantaneous current. Therefore, it can
provide higher efficiency for applications of high output
currents. However, the DCR of the inductor, which is the
small amount of DC winding resistance of the copper,
typically has a positive temperature coefficient. As the
temperature of the inductor rises, its DCR value increases.
The current limit of the controller is therefore reduced.
The LTC3774 offers a method to counter this inaccuracy
by allowing the user to place an NTC temperature sensing
resistor near the inductor to actively correct this error. The
ITEMP pin, when left floating, is at a voltage around 5V and
DCR temperature compensation is disabled. The ITEMP
pin has a constant 30µA precision current flowing out the
pin. By connecting an NTC resistor from the ITEMP pin
to SGND, the maximum current sense threshold can be
varied over temperature according the following equation:
VSENSEMAX(ADJ) = VSENSE(MAX) •
2–
VITEMP
2.8
1.5
where:
VSENSEMAX(ADJ)isthemaximumadjustedcurrentsense
threshold.
VSENSE(MAX) is the maximum current sense threshold
specified in the Electrical Characteristics table. It is typi-
cally 30mV, 25mV, 20mV, 15mV or 10mV depending
on the setting ILIM pins.
VITEMP is the voltage of the ITEMP pin.
ThevalidvoltagerangeforDCRtemperaturecompensation
on the ITEMP pin is 1.4V to 0.6V, with 1.4V or above being
no DCR temperature correction and 0.6V the maximum
correction.However,ifthedutycycleofthecontrollerisless
than 25%, the ITEMP range is extended from 1.4V to 0V.
The NTC resistor has a negative temperature coefficient,
meaning its value decreases as temperature rises. The
VITEMP voltage, therefore, decreases as temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com