Electronic Components Datasheet Search
  English  ▼

X  

LTC4449 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4449
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology LTC4449 Datasheet HTML 19Page - Linear Technology LTC4449 Datasheet HTML 20Page - Linear Technology LTC4449 Datasheet HTML 21Page - Linear Technology LTC4449 Datasheet HTML 22Page - Linear Technology LTC4449 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LTC3774
19
3774fc
For more information www.linear.com/LTC3774
After determining the components for the temperature
compensation network, check the results by plotting IMAX
versusinductortemperatureusingthefollowingequations:
IMAX =
VSENSEMAX(ADJ) – ∆VSENSE /2
DCR(MAX) at 25°C• 1+ TL(MAX) –25°C
(
)•0.4/100
(
)
where:
VSENSEMAX(ADJ) = VSENSE(MAX) •
2.0V –
VITEMP
2.8
1.5
VITEMP = 30µA • RS +RP ||RNTC
(
)
Use typical values for VSENSE(MAX).
The resulting current limit should be greater than or equal
toIMAXforinductortemperaturesbetween25°Cand100°C.
These are typical values for the NTC compensation network:
• NTC RO = 100k, B-constant = 3000 to 4000
• RS ≈ 20k
• RP ≈ 50k
GeneratingtheIMAXversusinductortemperaturecurveplot
first using the above values as a starting point and then
adjusting the RS and RP values as necessary is another
APPLICATIONS INFORMATION
approach. Figure 6 shows a typical curve of IMAX versus
inductor temperature.
The same thermistor network can be used to correct for
temperatures less than 25°C. But make sure VITEMP is
greater than 0.6V for duty cycles of 25% or more, oth-
erwise temperature correction may not occur at elevated
ambients. For the most accurate temperature detection,
place the thermistors next to the inductor as shown in
Figure 7. Take care to keep the ITEMP pin away from the
switch nodes.
INDUCTOR TEMPERATURE (°C)
10
100
1000
10000
–40
20
40
60
100
80
120
1
–20
0
3774 F05
THERMISTOR RESISTANCE
RO = 100k
TO = 25°C
B = 4334 FOR 25°C/100°C
RITEMP
RS = 20k
RP = 43.2k
100k NTC
Figure 5. Resistance Versus Temperature for the ITEMP Pin
Network and the 100k NTC
INDUCTOR TEMPERATURE (°C)
–40
15
20
25
20
60
120
3774 F06
10
5
0
–20
0
40
80 100
CORRECTED
IMAX
NOMINAL
IMAX
UNCORRECTED
IMAX
RS = 20k
RP = 43.2k
NTC THERMISTOR:
RO = 100k
TO = 25°C
B = 4334
VOUT
RNTC
L1
SW1
3774 F07
Figure 6. Worst-Case IMAX Versus Inductor Temperature Curve
with and without NTC Temperature Compensation
Figure 7. Thermistor Location. Place Thermistor Next to
Inductor for Accurate Sensing of the Inductor Temperature,
But Keep the ITEMP Pin Away from the Switch Nodes and Gate
Drive Traces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com