Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC7821 Datasheet HTML 5Page - Linear Technology LTC7821 Datasheet HTML 6Page - Linear Technology LTC7821 Datasheet HTML 7Page - Linear Technology LTC7821 Datasheet HTML 8Page - Linear Technology LTC7821 Datasheet HTML 9Page - Linear Technology LTC7821 Datasheet HTML 10Page - Linear Technology LTC7821 Datasheet HTML 11Page - Linear Technology LTC7821 Datasheet HTML 12Page - Linear Technology LTC7821 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LTC7821
9
Rev A
For more information www.analog.com
PIN FUNCTIONS
MODE/PLLIN(Pin1):ModeSelectionorExternalSynchro-
nization Input to Phase Detector. When external synchro-
nization is not used, this pin selects the operating modes
and can be tied to SGND, to INTVCC or left floating. If the
pin is connected to SGND, it enables forced continuous
modewhileaconnectiontoINTVCCenablespulse-skipping
mode. Floating the pin enables Burst Mode operation.
For external sync, apply a clock signal to this pin. The
integrated PLL along with its internal compensation net-
work will synchronize the internal oscillator to this clock.
Forced continuous mode will be enabled.
CLKOUT (Pin 2): Clock Output Pin. This pin outputs a
clock 180° out of phase with the main operating clock of
the LTC7821.
RUN (Pin 3): Run Control Input. A voltage above 1.3V
turns the controller ON. There is a 1μA pull-up current
on this pin when its voltage is below 1.3V.
FAULT (Pin 4): Open Drain Output pin. When the signal
goes low, it indicates one of the following conditions:
(a) In the capacitor balancing phase, capacitors CFLY or
CMID (see Typical Application) are not charged to
VIN/2. A low FAULT indicates an abnormal condition
that is preventing CFLY or CMID from being be charged
up to VIN/2.
(b) During normal operation, the voltage deviates from
VIN/2 by a window amount set by the voltage on the
HYS_PRGM pin.
(c) The die temperature exceeds its internally set limit or
thePTCresistorconnectedasthelowerlegofaresistor
divider trips the TEMP pin threshold.
During any of these condition, the TRACK/SS pin will also
be pulled low.
PGOOD (Pin 5): Power Good Pin. This is an open drain
output. PGOOD is pulled to ground when the voltage of
the VFB pin is not within ±7.5% of its set point after an
internal 50μs mask timer expires. It will also be pulled low
when FAULT is tripped.
TIMER (Pin 6): Charge Balancing Timer Input. A capaci-
tor connected from this pin to ground sets the amount
of time allocated to charge CFLY and CMID to VIN/2 during
the capacitor balancing phase. It also sets the auto-retry
timeout, should the capacitors fail to reach this voltage
within the set time. Capacitors CFLY and CMID begin and
end charging when the TIMER voltage is between 0.5V
and 1.2V, respectively. If the capacitor is balanced before
the TIMER voltage reaches 1.2V, this voltage is reset to
ground and normal operation begins. However, if the bal-
ance is not reached when the voltage reaches 1.2V, then
the charging of the capacitors stops and the auto-retry
timeout period begins. The TIMER capacitor will now slew
at half the rate until it reaches 4V and then resets to zero
and begins to slew at 1x rate. Once it reaches 0.5V, the CFLY
and CMID begin to charge again and the process repeats.
TRACK/SS (Pin 7): Output Voltage Tracking and Soft-Start
Input. The LTC7821 regulates the VFBvoltagetothelowest
of three voltages: 0.8V, the voltage on the EXT_REF pin or
the voltage on the TRACK/SS pin. An internal 10μA pull-
up current source is connected to this pin. A capacitor to
ground at this pin sets the ramp time to the final regulated
outputvoltage.Alternatively,aresistordividerfromanother
voltage supply connected to this pin allows the LTC7821
output voltage to track the other supply during start-up.
EXT_REF (Pin 8): External Reference Input. A voltage ap-
plied to this pin forces the VFB to regulate to this voltage.
Internal clamps set at 0.4V and 0.93V limit the lower and
upper bounds of VFB regulation. Connecting this pin to
INTVCC will cause the internal reference to be used for
output voltage regulation.
HYS_PRGM (Pin 9): There is a 10μA current flowing out
of this pin. A voltage created by connecting a resistor
from this pin to ground sets an equal amount of window
threshold around VIN/2toawindowcomparator.Whenthe
voltage at MIDSENSE is not within this window threshold,
FAULT will be pulled low and switching will stop. CFLY and
CMID will be rebalanced to half of VIN before resuming
normal operation.
ITH(Pin10):CurrentControlThresholdandErrorAmplifier
Compensation Point. The current comparator threshold
increases with its ITH control voltage.
FREQ (Pin 11): Frequency Set Pin. There is a 10μA current
flowing out of this pin. A resistor to ground sets a voltage
which in turn programs the frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com