Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC7821 Datasheet HTML 26Page - Linear Technology LTC7821 Datasheet HTML 27Page - Linear Technology LTC7821 Datasheet HTML 28Page - Linear Technology LTC7821 Datasheet HTML 29Page - Linear Technology LTC7821 Datasheet HTML 30Page - Linear Technology LTC7821 Datasheet HTML 31Page - Linear Technology LTC7821 Datasheet HTML 32Page - Linear Technology LTC7821 Datasheet HTML 33Page - Linear Technology LTC7821 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LTC7821
30
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the LTC7821 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
tON(MIN)<
2 • VOUT
VIN(f)
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC7821 is approximately
210ns, with reasonably good PCB layout, minimum 30%
inductor current ripple and at least 10mV – 15mV ripple
on the current sense signal. The minimum on-time can be
affected by PCB switching noise in the voltage and current
loop. As the peak sense voltage decreases the minimum
on-time increases. This is of particular concern in forced
continuous applications with low ripple current at light
loads. If the duty cycle drops below the minimum on-time
limit in this situation, a significant amount of cycle skip-
ping can occur with correspondingly larger current and
voltage ripple.
Multiphase Operation
For high output power applications, two LTC7821's can be
paralleled to create a dual phase single output configura-
tion. Figure 22 shows the key signal connections between
the two LTC7821s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com