Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 5 Page - Linear Technology

  LTC7821 Datasheet HTML 1Page - Linear Technology LTC7821 Datasheet HTML 2Page - Linear Technology LTC7821 Datasheet HTML 3Page - Linear Technology LTC7821 Datasheet HTML 4Page - Linear Technology LTC7821 Datasheet HTML 5Page - Linear Technology LTC7821 Datasheet HTML 6Page - Linear Technology LTC7821 Datasheet HTML 7Page - Linear Technology LTC7821 Datasheet HTML 8Page - Linear Technology LTC7821 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC7821
5
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = VIN_SENSE = 48V, VRUN = 5V, EXTVCC = 9V,
EXT_REF = 5.6V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IFLYSRC1
Current Out of SW1 During Capacitor
Balancing
(VSW1 – VSW3) < VIN/2, VSW3 = 12V
40
mA
IFLYSNK1
Current into SW1 During Capacitor Balancing (VSW1 – VSW3) > VIN/2, VSW3 = 12V
6
mA
IFLYSNK3
Current into SW3 During Capacitor Balancing (VSW1 – VSW3) < VIN/2, VSW3 = 12V
40
mA
IFLYSRC3
Current Out of SW3 During Capacitor
Balancing
(VSW1 – VSW3) < VIN/2, VSW3 = 12V
6
mA
IMID_SRC
Current Out of MID During Capacitor
Balancing
VMID < VIN/2, VMID = VMID_SENSE = 20V
VSW1 ≥ 36V, VSW3 = 12V
60
mA
IMID_SNK
Current into MID During Capacitor Balancing VMID > VIN/2, VMID = VMID_SENSE = 28V
VSW1 ≥ 36V, VSW3 = 12V
40
mA
Gate Driver
TG1,2
Pull-Up ON Resistance
Pull-Down ON Resistance
2
1
Ω
Ω
BG1, 2
Pull-Up ON Resistance
Pull-Down ON Resistance
2
1
Ω
Ω
TG1,2 tr
TG1,2 tf
TG1, TG2 Transition Time:
Rise Time
Fall Time
(Note 7)
4
4
ns
ns
BG1,2 tr
BG1,2 tf
BG1, BG2 Transition Time:
Rise Time
Fall Time
(Note 7)
4
4
ns
ns
T1D
TG1 Off to BG1 On
45
ns
T2D
TG2 Off to BG2 On
20
ns
T3D
TG1 Off to TG2 Off
25
ns
T4D
BG1 Off to TG1 On
40
ns
T5D
BG2 Off to TG2 On
20
ns
T6D
BG1 Off to BG2 Off
20
ns
ton(MIN)
Minimum On-Time
(Note 8)
210
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7821E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC7821I is guaranteed
to meet performance specifications over the full –40°C to 125°C operating
junction temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC7821UH: TJ = TA + (PD • 44°C/W)
Note 4: Output voltage range is guaranteed by design. For output voltage
setting, read “Output Voltage Setting” and “Minimum VOUT” in the
“Applications Information” section.
Note 5: The LTC7821 is tested in a feedback loop that servos VITH to a
specified voltage and measures the resultant VFB.
Note 6: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 7: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 8: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥ 40% of IMAX (see Minimum On-Time
Considerations in the Applications Information section)
Note 9: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum junction temperature
may impair device reliability or permanently damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com