Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC7821 Datasheet HTML 21Page - Linear Technology LTC7821 Datasheet HTML 22Page - Linear Technology LTC7821 Datasheet HTML 23Page - Linear Technology LTC7821 Datasheet HTML 24Page - Linear Technology LTC7821 Datasheet HTML 25Page - Linear Technology LTC7821 Datasheet HTML 26Page - Linear Technology LTC7821 Datasheet HTML 27Page - Linear Technology LTC7821 Datasheet HTML 28Page - Linear Technology LTC7821 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
LTC7821
25
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 17. Output Voltage Set By EXT_REF Pin
TIME
TIME
VOUT1
VOUT2
VOUT1
VOUT2
(15a) COINCIDENT TRACKING
(15b) RATIO-METRIC TRACKING
7821 F15
R3
(FROM LTC7821)
EXTERNAL SUPPLY
(FROM LTC7821)
EXTERNAL SUPPLY
R4
R1
R2
R3
R4
R1
R2
R3
R4
VOUT1
VOUT2
TO
TRACK/SS
PIN OF
LTC7821
TO
VFB1
PIN
TO
VFB2
PIN
VOUT1
VOUT2
TO
TRACK/SS
PIN OF
LTC7821
TO
VFB1
PIN
TO
VFB2
PIN
(16a) COINCIDENT TRACKING SETUP
(16b) RATIO-METRIC TRACKING SETUP
7821 F16
Figure 15. Two Different Methods of Output Voltage Tracking
Figure 16. Setup for Coincident and Ratio-Metric Tracking
To implement the ratiometric tracking in Figure 15b, the
ratio of the VOUT2 divider should be exactly the same as
the master channel’s feedback divider ratio shown in
Figure 16b.
In order to track down another channel or supply after
the soft-start has successfully reached 82.5% of 0.8V
or VEXT_REF, it is recommended to set the LTC7821 into
force continuous mode operation by setting the MODE/
PLLIN = 0V. For no load condition, the LTC7821 should
be in force continuous mode to ensure good tracking of
the master supply.
By selecting different resistors, the LTC7821 can achieve
different modes of tracking including the two in Figure
15. The ratio-metric mode uses one less pair of resistors
compared to the coincident mode but has lesser output
accuracy on VOUT2 and is also fully coupled to any varia-
tions in VOUT1. In both modes, there is an error in output
voltage setting cause by the pin current of TRACK/SS. To
minimizethiserror,usesmallerresistorvaluesinthedivider.
Output Voltage Setting
The LTC7821 uses its internal reference of 0.8V when the
VEXT_REF ≥ 1.3V. The output voltage is given by:
VOUT = 0.8 • 1+
R2
R1
⎛
⎝⎜
⎞
⎠⎟
If the applied voltage to the EXT_REF is less than 1.3V,
then VOUT will track EXT_REF voltages between 0.4V and
0.9V, as indicated by the characteristic in Figure 17.
0.4V
7821 F17
0.9V
0.4•(1+R2/R1)
0.9•(1+R2/R1)
VEXT_REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com