Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC7821 Datasheet HTML 18Page - Linear Technology LTC7821 Datasheet HTML 19Page - Linear Technology LTC7821 Datasheet HTML 20Page - Linear Technology LTC7821 Datasheet HTML 21Page - Linear Technology LTC7821 Datasheet HTML 22Page - Linear Technology LTC7821 Datasheet HTML 23Page - Linear Technology LTC7821 Datasheet HTML 24Page - Linear Technology LTC7821 Datasheet HTML 25Page - Linear Technology LTC7821 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LTC7821
22
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
current, but also carries the balancing current that flows
between CFLY and CMID due to an imbalance of voltage
between the two capacitors at the end of phase 1. There-
fore M4 has an increase in conduction losses compared
to its counterpart in a traditional buck converter. The
current flowing through M2 is dependent on the voltage
differential between the capacitors, their ESR, RDSON of
M2 and M4, and inductance of the MOSFETs, capacitors,
and board traces (see Figure 13b).
When the controller is operating in continuous mode the
duty cycles for M1, M3, M2 and M4 are given by:
M1, M3 Switch Duty Cycle =
2 • VOUT
VIN
M2, M4 Switch Duty Cycle =
VIN – 2 • VOUT
VIN
The power dissipation of M1 and M3 is given by:
PM1=
IMAX • CFLY
CFLY + CMID
⎛
⎝⎜
⎞
⎠⎟
2 2 • VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
1+ d
(
)RDS(ON)
PM3 =
IMAX • CMID
CFLY + CMID
⎛
⎝⎜
⎞
⎠⎟
2 2 • VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
1+ d
(
)RDS(ON)+
VIN
2
⎛
⎝⎜
⎞
⎠⎟
2
IMAX • CMID
2 • CFLY + CMID
(
)
⎛
⎝
⎜
⎞
⎠
⎟ RDR
(
) CMILLER
(
)•
1
VINTVCC – VTH(MIN)
+
1
VTH(MIN)
⎡
⎣
⎢
⎤
⎦
⎥ • f
where d is the temperature dependency of RDS(ON), RDR
is the effective top driver resistance (approximately 2Ω
at VGS = VMILLER), and VIN is the input supply. VTH(MIN)
is the data sheet specified typical gate threshold voltage
specified in the power MOSFET data sheet at the specified
drain current. CMILLER is the calculated capacitance using
the gate charge curve from the MOSFET data sheet and
the technique described above.
If the switching loss contribution of PM3 is relatively small
compared to its conduction loss, then the overall power
dissipation(PM1+PM3)willbethelowestwhenCFLY=CMID.
The power dissipation of M2 and M4 is harder to calcu-
late, because the current flowing through these MOSFETs
exhibits a 2nd order system response due to the presence
of parasitic package inductance of the MOSFETs and ca-
pacitors, ESR of the capacitors, RDS(ON) of the MOSFETs
and the capacitance of CMID and CFLY. Complicating the
matter is that the current could exhibit overdamped, criti-
cally damped or underdamped characteristics, depending
on the RLC values mentioned above; this would impact
the RMS current significantly. Use ADI/LTC power tool to
help select M2 and M4.
With the RMS current flowing through M2 and M4 deter-
mined, the power dissipation is given by:
PM2 = I2rms2 • 1+ d
(
)RDS(ON)
PM4 = I2rms4 • 1+ d
(
)RDS(ON)
CFLY and CMID Selection
Inthishybridtopology,capacitorsCFLYandCMIDarepartof
theenergytransferelements.Thereforeceramiccapacitors
are attractive since they have the lowest ESR. However,
care should be taken when choosing this type of capacitor.
During operation the DC voltage across the CFLY and CMID
is approximately half the VIN supply, therefore the voltage
rating of the capacitors should be greater than that. As
a general rule, select the voltage rating of the capacitor
to be twice the operating voltage of the capacitor. For the
same voltage rating and capacitance, a larger case size
will have a lower failure rate.
In addition, the operating temperature of the capacitors
needs to be considered. For operating temperature above
85°C, capacitors with the X7R dielectric need to be used
while X5R dielectric is adequate for operation below 85°C.
For long term reliability of the capacitor, keep the tem-
perature rise of the capacitor to be below 20°C, preferably
10°C. The temperature rise of the capacitor is dependent
on the amount of RMS current through the capacitor and
the operating frequency. Consult the manufacturer’s data
sheet for this data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com