Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC7821 Datasheet HTML 13Page - Linear Technology LTC7821 Datasheet HTML 14Page - Linear Technology LTC7821 Datasheet HTML 15Page - Linear Technology LTC7821 Datasheet HTML 16Page - Linear Technology LTC7821 Datasheet HTML 17Page - Linear Technology LTC7821 Datasheet HTML 18Page - Linear Technology LTC7821 Datasheet HTML 19Page - Linear Technology LTC7821 Datasheet HTML 20Page - Linear Technology LTC7821 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTC7821
17
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
In an application where the sense resistor’s parasitic in-
ductancecontributionisnegligible,asmallRCfilterplaced
near the IC is enough to reduce the effects of capacitive
and inductive noise coupled in the sense traces on the
PCB. A typical filter consists of two series 10Ω resistors
connected to a parallel 1000pF capacitor, resulting in a
time constant of 20ns. However, the same RC filter with
minor modifications can be used to extract the resistive
component of the current sense signal in the presence
of significant parasitic inductance in the sense resistor.
For example, Figure 8 illustrates the voltage waveform
across a 1mΩ sense resistor with a 2010 footprint for the
12V/20A converter operating at 100% load. The waveform
is the superposition of a purely resistive component and a
purely inductive component. It was measured using two
scope probes and waveform math to obtain a differential
measurement. Based on additional measurements of the
inductor ripple current and the on-time and off-time of
the top switch, the value of the parasitic inductance was
determined to be 0.3nH using the equation:
ESL =
VESL(STEP)
ΔIL
•
tON• tOFF
tON+ tOFF
⎛
⎝
⎜
⎞
⎠
⎟
IftheRCtimeconstantischosentobeclosetotheparasitic
inductance divided by the sense resistor (L/R), the result-
ing waveform looks resistive again, as shown in Figure 9.
Figure 7. Two Different Methods of Sensing Current
Figure 8. Voltage Waveform Measured Directly
Across the Sense Resistor
Figure 9. Voltage Waveform Measured After the
Sense Resistor Filter, CF = 1nF, RF = 100Ω
L
M3
M4
D
C
R
C
COUT
7821 F07a
CF
RF
RF
RS
ESL
C
C
ISNS+
ISNS–
PGND
INTVCC
BG2
SW3
BOOST3
TG2
MID_SENSE
MID
VOUT
SENSE RESISTOR
PLUS PARASITIC
INDUCTANCE
CF • 2RF < ESL/RS
POLE-ZERO
CANCELLATION
FILTER COMPONENTS
PLACED NEAR SENSE PINS
(7a) USING A RESISTOR TO SENSE CURRENT
M3
M4
D
C
R
C
C
COUT
7821 F07b
C1
R2
L
DCR
C
ISNS+
ISNS–
PGND
INTVCC
BG2
SW3
BOOST3
TG2
MID_SENSE
MID
VOUT
INDUCTOR
PLACE R1 NEXT
TO INDUCTOR
PLACE C1 NEAR
SNS+, SNS– PINS
R1
(7b) USING INDUCTOR DCR TO SENSE CURRENT
Check the sense resistor manufacturer’s data sheet for
information about parasitic inductance. In the absence of
data, measure the voltage drop directly across the sense
resistor to extract the magnitude of the ESL step and use
500ns/DIV
VSENSE
5mV/DIV
7821 F08
500ns/DIV
VSENSE
5mV/DIV
7821 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com