Electronic Components Datasheet Search
  English  ▼

X  

LTC7821 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC7821
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7821 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC7821 Datasheet HTML 20Page - Linear Technology LTC7821 Datasheet HTML 21Page - Linear Technology LTC7821 Datasheet HTML 22Page - Linear Technology LTC7821 Datasheet HTML 23Page - Linear Technology LTC7821 Datasheet HTML 24Page - Linear Technology LTC7821 Datasheet HTML 25Page - Linear Technology LTC7821 Datasheet HTML 26Page - Linear Technology LTC7821 Datasheet HTML 27Page - Linear Technology LTC7821 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LTC7821
24
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
To obtain the most translation in voltage from VINTVCC to
drive M1, Schottky diodes are recommended.
The reverse voltage seen by each of the Schottky diodes
is approximately:
VR _DIODE ≅
VIN
2
Pay attention to the leakage current when selecting the
forward drop of the diodes. In general, the lower the
forward drop for the same amount of current flowing
through the diode, the higher the leakage current. As
these diodes will be operating with large reverse bias for
high VIN applications, the leakages are higher, especially
at higher operating temperatures.
The charge pump diodes operate as conduits for transfer-
ring charge from one capacitor to another and as such are
subjected to transient current rather than a DC current.
Hence peak forward surge rating is more important than
the average current rating. A surge rating of 750mA is a
good starting point.
Since the bootstrap capacitor acts as a supply for the
MOSFET’s driver, select large enough capacitance so
that the voltage does not droop considerably when the
MOSFETs are being turned ON. As with the CMILLER esti-
mation described in the Power Selection section, the user
can use the same graph to obtain the total gate charge for
a given gate drive voltage. This can then easily converted
to its equivalent gate capacitance by:
CG =
QG
VGS
If the bootstrap capacitor voltage is not allowed to droop
by more than 1%, then:
CBST ≥ 99CG
Besides acting as a supply for their respective MOSFET
drivers, CBST2 and CBST3 also serve as charge pump ca-
pacitors. As a good starting point, size CBST2 and CBST3
as follows:
CBST3 ≥ 2CBST2 ≥ 2CBST1
Soft-Start and Tracking
The LTC7821 has the ability to either soft-start by itself
with a capacitor or track the output of another channel or
external supply. When configured to soft-start by itself, a
capacitor should be connected to its TRACK/SS pin and
ground.WhenRUNpinvoltageisbelow1.22V,theTRACK/
SS is actively pulled to ground in this shutdown state.
Once the RUN pin voltage is above 1.22V, the controller
powers up and a soft-start current of 10µA begins to flow
outoftheTRACK/SSpin.However,theTRACK/SSwillstart
charging its soft-start capacitor only after charge balance
is completed and the associated active pull-down of the
TRACK/SS is released. Note that soft-start or tracking is
achieved not by limiting the maximum output current of
the controller but by controlling the output ramp voltage
according to the ramp rate on the TRACK/SS pin. Current
fold-back is disabled during this phase to ensure smooth
soft-start or tracking. Depending on whether the EXT_REF
feature has been invoked or not, the soft-start or tracking
range is defined to be either the voltage range from 0V to
0.8V or 0V to VEXT_REF on the TRACK/SS pin. The total
soft-start time can be calculated as:
tSOFT −START = 0.8 or VEXT_REF
(
) •
CSS
10µA
Regardless of the mode selected by the MODE/PLLIN pin,
the regulator will always start in pulse-skipping mode up
to TRACK/SS = 82.5% of 0.8V or VEXT_REF.
Output Voltage Tracking
The LTC7821 allows the user to program how its output
ramps up and down by means of the TRACK/SS pins.
Through this pin, the output can be set up to either coin-
cidentallyorratio-metricallytrackanothersupply’soutput,
as shown in Figure 15. In the following discussions, VOUT1
refers to another supply’s output (master channel) while
VOUT2 refers to the LTC7821 output (slave channel) that
tracksVOUT1.ToimplementthecoincidenttrackinginFigure
15a, connect an additional resistive divider to VOUT1 and
connect its midpoint to the TRACK/SS pin of the LTC7821.
The ratio of this divider should be the same as that of the
slave channel’s feedback divider shown in Figure 16a. In
this tracking mode, VOUT1 must be set higher than VOUT2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com