Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
LTC7813
6
7813f
For more information www.linear.com/LTC7813
Typical perForMance characTerisTics
Power Loss vs Load Current,
VIN = 18V
Power Loss vs Load Current,
VIN = 24V
Power Loss vs Load Current,
VIN = 36V
Efficiency vs Input Voltage
Buck Regulated Feedback Voltage
vs Temperature
Boost Regulated Feedback
Voltage vs Temperature
Efficiency vs Load Current,
VIN = 18V
Efficiency vs Load Current,
VIN = 24V
Efficiency vs Load Current,
VIN = 36V
Burst Mode
PS Mode
FC Mode
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
7
0
10
20
30
40
50
60
70
80
90
100
FIGURE 15 CIRCUIT
VOUT = 24V
7813 G01
PS = PULSE-SKIPPING
FC = FORCED CONTINUOUS
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
7
0
10
20
30
40
50
60
70
80
90
100
7813 G02
FIGURE 15 CIRCUIT
VOUT = 24V
Burst Mode
PS Mode
FC Mode
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
7
0
10
20
30
40
50
60
70
80
90
100
7813 G03
FIGURE 15 CIRCUIT
VOUT = 24V
Burst Mode
PS Mode
FC Mode
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
7
0.001
0.01
0.1
1
10
7813 G04
FIGURE 15 CIRCUIT
VOUT = 24V
Burst Mode
PS Mode
FC Mode
BM
PS
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
7
0.001
0.01
0.1
1
10
7813 G05
FIGURE 15 CIRCUIT
VOUT = 24V
Burst Mode
PS Mode
FC Mode
LOAD CURRENT (A)
0.0001
0.001
0.01
0.1
1
7
0.001
0.01
0.1
1
10
7813 G06
FIGURE 15 CIRCUIT
VOUT = 24V
Burst Mode
PS Mode
FC Mode
TEMPERATURE (°C)
-75
808
806
802
804
800
796
798
794
792
-25
25
-50
0
75 100
7813 G08
150
50
125
TEMPERATURE (°C)
-75
1.212
1.209
1.203
1.206
1.2
1.194
1.197
1.191
1.188
-25
25
-50
0
75 100
7813 G09
150
50
125
FIGURE 15 CIRCUIT
VOUT = 24V
IOUT = 2A
IOUT = 4A
INPUT VOLTAGE (V)
5 10 15 20 25 30 35 40 45 50 55 60
90
92
94
96
98
100
7813 G07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com