Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
LTC7813
12
7813f
For more information www.linear.com/LTC7813
FuncTional DiagraMs
BOOST1
DRVCC
TG1
TOP
BOT
BUCK CHANNEL 1
S
CLK
PFD
SYNC
DET
VCO
Q
R
Q
BOT
SHDN
SLEEP
0.425V
TOP ON
SW1
BG1
DRVCC
GND
SENSE1+
SENSE1–
ITH1
TRACK/SS1
SHDN
RUN1
SHDN
RST
2(VFB)
FOLDBACK
10µA
VFB1
RA1
RC1
RB1
CC1
0.80V
TRACK/SS1
0.88V
OV
CB1
VIN1
VOUT1
RSENSE1
L1
SWITCHING
LOGIC
DROPOUT
DET
+
–
+
–
–
+
+
IR
3mV
ICMP
2.8V
0.65V
SLOPE COMP
+–
+–
CIN1
+
–
CC1A
CSS1
7813 FD01
150nA
3.5V
20µA
FREQ
PLLIN/MODE
ILIM
PGOOD1
100k
EA
INTVCC
LDO
DRVCC LDO/UVLO
CONTROL
4.7V/
7.7V
EN
EN
2.00V
1.20V
DRVSET
EXTVCC
VIN
DRVCC
20µA
4R
R
DRVUV
INTVCC
COUT1
+
–
+
–
0.88V
0.72V
VFB1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com