Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 42 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 42 Page - Linear Technology

Back Button LT8705 Datasheet HTML 34Page - Linear Technology LT8705 Datasheet HTML 35Page - Linear Technology LT8705 Datasheet HTML 36Page - Linear Technology LT8705 Datasheet HTML 37Page - Linear Technology LT8705 Datasheet HTML 38Page - Linear Technology LT8705 Datasheet HTML 39Page - Linear Technology LT8705 Datasheet HTML 40Page - Linear Technology LT8705 Datasheet HTML 41Page - Linear Technology LT8705 Datasheet HTML 42Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
LTC7813
42
7813f
For more information www.linear.com/LTC7813
LINEAR TECHNOLOGY CORPORATION 2016
LT 0316 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC7813
relaTeD parTs
Typical applicaTion
PART NUMBER DESCRIPTION
COMMENTS
LTC7812
38V Synchronous Boost+Buck Controller with Low EMI
and Low Input/Output Ripple
4.5V (Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, Boost VOUT Up to 60V,
0.8V ≤ Buck VOUT ≤ 24V, IQ = 33µA, 5mm × 5mm QFN-32
LTM®4609
36VIN, 34VOUT, Buck-Boost µModule Regulator
4.5V≤ VIN ≤ 36V, 0.8V ≤ VOUT ≤ 34V, Up to 4A 15mm × 15mm LGA and
BGA Packages
LTM8056
58VIN, 48VOUT, Buck-Boost µModule Regulator
5V≤ VIN ≤ 58V, 1.2V ≤ VOUT ≤ 48V, Up to 5.4A 15mm × 15mm × 4.92mm
BGA Package
LTC3789
High Efficiency (Up to 98%) Synchronous 4-Switch
Buck-Boost DC/DC Controller
4V≤ VIN ≤ 38V, 0.8V ≤ VOUT ≤ 38V, SSOP-28, 4mm × 5mm QFN-28
LT®3790
60V 4-Switch Synchronous Buck-Boost Controller
4.7V ≤ VIN ≤ 60V, 1.2V ≤ VOUT ≤ 60V, TSSOP-38
LT8705
80V VIN and VOUT Synchronous 4-Switch Buck-Boost
DC/DC Controller
2.8V ≤ VIN ≤ 80V, 1.3V ≤ VOUT ≤ 80V, Regulates VOUT, IOUT, VIN, IIN,
5mm × 7mm QFN-38, Modified TSSOP Package for High Voltage
LTC3769
Low IQ, 60V Synchronous Step-Up DC/DC Controller
4.5V (Down to 2.3V After Start-Up) ≤ VIN ≤ 60V, VOUT Up to 60V, IQ = 28µA
PLL Fixed Frequency 50kHz to 900kHz, 4mm × 4mm QFN-24, TSSOP-20E
LTC3891
Low IQ, 60V Synchronous Step-Down Controller with
99% Duty Cycle
PLL Fixed Frequency 50kHz to 900kHz, 4V ≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 24V,
IQ = 50µA
LTC3859AL
38V Low IQ Triple Output, Buck/Buck/Boost Synchronous
Controller with 28μA Burst Mode IQ
4.5V(Down to 2.5V after Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V,
Buck VOUT Range: 0.8V to 24V
LTC3899
60V, Triple Output, Buck/Buck/Boost Synchronous
Controller with 29µA Burst Mode IQ
4.5V (Down to 2.2V after Start-Up) ≤ VIN ≤ 60V, VOUT Up to 60V,
Buck VOUT Range: 0.8V to 60V
LTC3892/
LTC3892-1/
LTC3892-2
60V Low IQ, Dual, 2-Phase Synchronous Step-Down
DC/DC Controller with 29µA Burst Mode IQ
4.5V≤ VIN ≤ 60V, 0.8V ≤ VOUT ≤ 0.99VIN, 5mm × 5mm QFN-32,
TSSOP-28 Packages
0.1µF
100pF
2200pF
26.1k
820pF
10nF
2.94k
4.7µF
CIN1
47µF
CIN2,3,4
2.2µF
1000pF
L2
4.7µH
L1
7.3µH
MBOT2
MTOP2
MTOP1
MBOT1
COUT1
6.7µF
COUT2,3
56µF
1000pF
2.05k
3.01k
3.01k
SENSE2+ SENSE2– BG2
SW2 BOOST2
TG2
INTVCC
GND
VFB2
VBIAS TG1 BOOST1 SW1 BG1 SENSE1+ SENSE1– VFB1
VOUT
20V TO 32V
5A*
VIN
4V TO 56V
DOWN TO
2.2V AFTER
START-UP
RUN1
VIN
RUN2 ITH1
ITH2
TRACK/SS1 SS2
FREQ PLLIN/MODE
ILIM DRVUV DRVSET
DRVCC
VMID, 20V**
LTC7813
VPRG2
MTOP1: INFINEON BSC123N08NS3
MTOP2, MBOT1, MBOT2: INFINEON BSC047N08NS3
L1: WÜRTH 7443551470
L2: WÜRTH 7443551730
CIN1, CMID4: SUNCON 63HVH47M
COUT3: SUNCON 50HVH56M
7813 TA02
RB1
499k
CB1
0.1µF
CB2
0.1µF
RA1
12.7k
RB2
499k
RA2
31.6k
CMID1,2,3
2.2µF
CMID4
47µF
CSS1
0.1µF
CSS2
0.1µF
* WHEN VIN < 12V MAXIMUM LOAD CURRENT
AVAILABLE IS REDUCED
** VMID = 20V WHEN VIN < 20V
VMID FOLLOWS VIN WHEN VIN > 20V
VOUT = 20V WHEN VIN < 20V
VOUT = 32V WHEN VIN > 32V
VOUT FOLLOWS VIN WHEN VIN IS 20V TO 32V
Low EMI, Wide Input Range Pass-Through Cascaded Boost+Buck Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com