Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 1 Page - Linear Technology

  LT8705 Datasheet HTML 1Page - Linear Technology LT8705 Datasheet HTML 2Page - Linear Technology LT8705 Datasheet HTML 3Page - Linear Technology LT8705 Datasheet HTML 4Page - Linear Technology LT8705 Datasheet HTML 5Page - Linear Technology LT8705 Datasheet HTML 6Page - Linear Technology LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
LTC7813
1
7813f
For more information www.linear.com/LTC7813
Typical applicaTion
FeaTures
DescripTion
Low IQ, 60V Synchronous
Boost+Buck Controller
The LTC®7813 is a high performance synchronous
Boost+Buck DC/DC switching regulator controller that
drives all N-channel power MOSFET stages. It contains
independent step-up (boost) and step-down (buck)
controllers that can regulate two separate outputs or be
cascaded to regulate an output voltage from an input
voltage that can be above, below, or equal to the output
voltage. The LTC7813 operates from a wide 4.5V to 60V
input supply range. When biased from the output of the
boost regulator, the LTC7813 can operate from an input
supply as low as 2.2V after start-up. The 34μA no-load
quiescent current (both channels on) extends operating
runtime in battery-powered systems.
Unlikeconventionalbuck-boostregulators,the LTC7813’s
cascaded Boost+Buck solution has continuous, non-
pulsating,inputandoutputcurrents,substantiallyreducing
voltage ripple and EMI. The LTC7813 has independent
feedback and compensation points for the boost and buck
regulation loops, enabling a fast output transient response
that can be externally optimized.
applicaTions
n
Synchronous Boost and Buck Controllers
n
When Cascaded, Allows VIN Above, Below, or Equal
to Regulated VOUT of Up to 60V
n
Wide Bias Input Voltage Range: 4.5V to 60V
n
Output Remains in Regulation Through Input Dips
(e.g. Cold Crank) Down to 2.2V
n
Adjustable Gate Drive Level 5V to 10V (OPTI-DRIVE)
n
Low EMI with Low Input and Output Ripple
n
Fast Output Transient Response
n
No External Bootstrap Diodes Required
n
High Light Load Efficiency
n
Low Operating IQ: 29µA (One Channel On)
n
Low Operating IQ: 34µA (Both Channels On)
n
RSENSE or Lossless DCR Current Sensing
n
Buck Output Voltage Range: 0.8V ≤ VOUT ≤ 60V
n
Boost Output Voltage Up 60V
n
Phase-Lockable Frequency (75kHz to 850kHz)
n
Small 32-Pin 5mm × 5mm QFN Package
n
Automotive and Industrial Power Systems
n
High Power Battery Operated Systems
L
, LT, LTC, LTM, Linear Technology, the Linear logo and Burst Mode are registered trademarks
of Linear Technology Corporation. All other trademarks are the property of their respective
owners.
Wide Input Range to 10V/10A Low IQ Cascaded Boost+Buck Regulator
2.2µH
10µH
1.62k
15k
2.32k
RB1
332k
RA1
11.5k
0.1µF
1µF
0.1µF
6.8µF
×4
47µF
47µF
47µF
0.1µF
0.1µF
22µF
×3
22µF
×3
33pF
100pF
3300pF
8.87k
VIN
470pF
22nF
6.19k
0.1µF
0.1µF
4.7µF
37.4k
SENSE2+ SENSE2– BG2 SW2 BOOST2
TG2
INTVCC
GND
VFB2 VBIAS
TG1
BOOST1
SW1 BG1 SENSE1+ SENSE1– VFB1
EXTVCC
VOUT
10V
10A*
VIN
8V TO 60V
DOWN TO
2.2V AFTER
START-UP
RUN1 RUN2 ITH1
ITH2
TRACK/SS1 SS2
FREQ PLLIN/MODE
ILIM DRVUVDRVSET
DRVCC
VMID, 12V**
* WHEN VIN <8V MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED
**VMID = 12V WHEN VIN < 12V
VMID FOLLOWS VIN WHEN VIN > 12V
LTC7813
VPRG2
7813 TA01


Similar Part No. - LT8705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705 Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LT8705 LINER-LT8705 Datasheet
290Kb / 24P
Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
LT8705 LINER-LT8705 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8705 LINER-LT8705 Datasheet
523Kb / 38P
60V PolyPhase Synchronous Boost Controller
More results

Similar Description - LT8705

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1 Datasheet
1Mb / 35P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
NOVEMBER2011
TPS43335-Q1 TI1-TPS43335-Q1 Datasheet
1Mb / 42P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
TPS43333-Q1 TI1-TPS43333-Q1 Datasheet
1Mb / 42P
LOW IQ, SINGLE BOOST, DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
LTC3769 LINER-LTC3769_15 Datasheet
433Kb / 32P
60V Low IQ Synchronous Boost Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Texas Instruments
TPS43330-Q1 TI1-TPS43330-Q1_14 Datasheet
2Mb / 48P
Low IQ, Single Boost, Dual Synchronous Buck Controller
logo
Linear Technology
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com