Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 36 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT8705 Datasheet HTML 32Page - Linear Technology LT8705 Datasheet HTML 33Page - Linear Technology LT8705 Datasheet HTML 34Page - Linear Technology LT8705 Datasheet HTML 35Page - Linear Technology LT8705 Datasheet HTML 36Page - Linear Technology LT8705 Datasheet HTML 37Page - Linear Technology LT8705 Datasheet HTML 38Page - Linear Technology LT8705 Datasheet HTML 39Page - Linear Technology LT8705 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
LTC7813
36
7813f
For more information www.linear.com/LTC7813
Table 3. Summary of Trade-Offs in Choosing the VMID Regulation Voltage in a Cascaded Boost+Buck Regulator
A
B
C
D
Option
VMID_REG > VOUT_REG and
VMID_REG > VIN_MAX_OP
VIN_MIN_OP < VOUT_REG <
VMID_REG < VIN_MAX_OP
VMID_REG = VIN_MIN_OP and
VOUT_REG = VIN_MAX_OP
(Pass-Through/Wire Mode)
VIN_MIN_OP > VMID_REG >
VOUT_REG
Example for Normal Input Operating
Range of 10V to 16V (VIN_MIN_OP =
10V, VIN_MAX_OP = 16V) with a Full
Range of 2.5V to 38V
VMID_REG =18V
VOUT = VOUT_REG = 12V
VMID_REG = 14V
VOUT = VOUT_REG = 12V
VMID_REG =10V
VOUT_REG = 16V
VOUT = 10V to 16V
VMID_REG =10V
VOUT = VOUT_REG = 5V
Boost Boosting in Normal Operating
Range?
Yes, Over Full Range
Yes, When VIN < VMID_REG
No
No
Buck Bucking in Normal Operating
Range?
Yes, Over Full Range
Yes, Over Full Range
No, in Dropout
Yes, Over Full Range
LTC7813 No Load Quiescent Current in
Burst Mode
34µA
34µA
~3mA
34µA
Heavy Load Efficiency
Slightly Lower
High When Not Boosting;
Slightly Lower When
Boosting
Highest
High
Input Ripple
Low
Low When Boosting; Very
Low When Not Boosting;
Some Cycle-Skipping
During Transition
Extremely Low
Very Low
Output Ripple
Low
Low
Extremely Low
Low
EMI in Normal Operating Range
Low
Very Low When Not
Boosting; Low When
Boosting
Extremely Low
Very Low
Example for Normal Operating Range:
VIN_MIN_OP = 10V – VIN_MAX_OP = 16V
VMID_REG =18V
VOUT = VOUT_REG = 12V
VMID_REG =14V
VOUT = VOUT_REG = 12V
VMID_REG =10V
VOUT_REG = 16V
VOUT = 10V to 16V
VMID_REG =10V
VOUT = VOUT_REG = 5V
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com