Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8705
Description  Low IQ, 60V Synchronous BoostBuck Controller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8705 Datasheet HTML 7Page - Linear Technology LT8705 Datasheet HTML 8Page - Linear Technology LT8705 Datasheet HTML 9Page - Linear Technology LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LTC7813
11
7813f
For more information www.linear.com/LTC7813
pin FuncTions
PLLIN/MODE (Pin 10): External Synchronization Input
to Phase Detector and Forced Continuous Mode Input.
When an external clock is applied to this pin, the phase-
locked loop will force the rising TG1 and BG2 signals
to be synchronized with the rising edge of the external
clock, and the regulators will operate in forced continuous
mode. When not synchronizing to an external clock, this
input, which acts on both controllers, determines how the
LTC7813 operates at light loads. Pulling this pin to ground
selects Burst Mode® operation. An internal 100k resistor
to ground also invokes Burst Mode operation when the
pin is floated. Tying this pin to INTVCC forces continuous
inductor current operation. Tying this pin to a voltage
greater than 1.1V and less than INTVCC – 1.3V selects
pulse-skipping operation. This can be done by connecting
a 100k resistor from this pin to INTVCC.
GND (Pin 11, Exposed Pad Pin 33): Ground. The exposed
pad must be soldered to the PCB for rated electrical and
thermal performance.
PGOOD1 (Pin 14): Open-Drain Logic Output. PGOOD1 is
pulled to ground when the voltage on the VFB1 pin is not
within ±10% of its set point.
INTVCC (Pin 15): Output of the Internal 5V Low Dropout
Regulator. The low voltage analog and digital circuits
are powered from this voltage source. A low ESR 0.1µF
ceramic bypass capacitor should be connected between
INTVCC and GND, as close as possible to the IC.
RUN1, RUN2 (Pins 16, 17): Run Control Inputs for Each
Controller. Forcing either of these pins below 1.2V shuts
down that controller. Forcing both of these pins below
0.7V shuts down the entire LTC7813, reducing quiescent
current to approximately 3.6µA.
ILIM (Pin 18): Current Comparator Sense Voltage Range
Input. Tying this pin to GND or INTVCC or floating it sets
the maximum current sense threshold (for both channels)
to one of three different levels (50mV, 100mV, or 75mV,
respectively).
VFB2 (Pin 19): If VPRG2 is grounded, this pin receives the
remotely sensed feedback voltage for the boost control-
ler from an external resistive divider across the output. If
VPRG2 is floated or tied to INTVCC, this pin receives the
remotely sensed output voltage of the boost controller.
DRVUV (Pin 21): Determines the higher or lower DRVCC
UVLO and EXTVCC switchover thresholds, as listed on
the Electrical Characteristics table. Connecting DRVUV to
GND chooses the lower thresholds whereas tying DRVUV
to INTVCC chooses the higher thresholds.
DRVSET (Pin 22): Sets the regulated output voltage of the
DRVCC LDO regulator. Connecting this pin to GND sets
DRVCC to 6V whereas connecting it to INTVCC sets DRVCC
to 10V. Voltages between 5V and 10V can be programmed
by placing a resistor (50k to 100k) between the DRVSET
pin and GND.
DRVCC (Pin 24): Output of the Internal or External Low
Dropout (LDO) Regulator. The gate drivers are powered
from this voltage source. The DRVCC voltage is set by the
DRVSETpin.Mustbedecoupledtogroundwithaminimum
of 4.7µF ceramic or other low ESR capacitor. Do not use
the DRVCC pin for any other purpose.
EXTVCC (Pin 25): External Power Input to an Internal LDO
Connected to DRVCC. This LDO supplies DRVCC power,
bypassing the internal LDO powered from VBIAS whenever
EXTVCC is higher than its switchover threshold (4.7V or
7.7V depending on the DRVSET pin). See EXTVCC Connec-
tion in the Applications Information section. Do not float
or exceed 14V on this pin. Do not connect EXTVCC to a
voltage greater than VBIAS. Connect to GND if not used.
VBIAS(Pin26):MainSupplyPin.Abypasscapacitorshould
be tied between this pin and the GND pin.
BG1, BG2 (Pins 31, 27): High Current Gate Drives for
Bottom N-Channel MOSFETs. Voltage swing at these pins
is from ground to DRVCC.
BOOST1, BOOST2 (Pins 32, 28): Bootstrapped Supplies
to the Topside Floating Drivers. Capacitors are connected
betweentheBOOSTandSWpins.VoltageswingatBOOST1
is from approximately DRVCC to (VIN1 + DRVCC). Voltage
swing at BOOST2 is from approximately DRVCC to (VOUT2
+ DRVCC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com