Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology LT1352 Datasheet HTML 10Page - Linear Technology LT1352 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT6020/LT6020-1
7
60201fa
For more information www.linear.com/LT6020
Typical perForMance characTerisTics
Typical Distribution of Input
Offset Voltage
Voltage Offset Shift vs Lead Free
IR Reflow
Offset Voltage vs Supply Voltage
Typical Distribution of Input
Offset Voltage Drift
Offset Voltage vs Input Common
Mode Voltage
Typical Distribution of Input
Offset Voltage
Typical Distribution of Input
Offset Voltage
Warm-Up Drift
TA = 25°C, VS = ±15V, RL = 100kΩ, unless
otherwise specified.
INPUT OFFSET VOLTAGE (µV)
–30
1400
1200
1000
800
600
400
200
0
20
60201 G31
30
–10
–20
10
0
2932 PARTS
MS8 PACKAGE
INPUT OFFSET VOLTAGE (µV)
–70 –50 –30
4000
1500
1000
2500
2000
3500
3000
500
0
60201 G32
70
30
50
–10
10
0
14930 PARTS
DD8 AND DD10 PACKAGES
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.80
40
15
10
25
20
35
30
5
0
60201 G33
0.40
0
0.20
–0.60
–0.20
–0.40
144 UNITS
DD8 AND DD10
PACKAGES
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
–0.50
100
40
50
60
70
80
90
10
20
30
0
60201 G34
0.10
–0.10
0
–0.40
–0.20
–0.30
350 UNITS
MS8 PACKAGE
TIME (ms)
1
5
3
4
0
–2
–3
2
1
–1
–4
–5
6
3
5
60201 G01
7
2
4
INPUT VOLTAGE OFFSET SHIFT (µV)
–2
14
2
4
6
8
10
12
0
60201 G35
12
8
10
0
2
6
4
40 PARTS
MS8 PACKAGE
TOTAL SUPPLY VOLTAGE (V)
0
30
10
20
0
10
–20
–30
16
32
8
24
60201 G02
36
12
28
4
20
INPUT COMMON MODE VOLTAGE (V)
–15
40
20
30
10
0
–10
–20
–30
–40
10
–10
5
60201 G03
15
–5
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com