Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 4 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT6020/LT6020-1
4
60201fa
For more information www.linear.com/LT6020
elecTrical characTerisTics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
AVCL = 1, 10V Step
TA = –40° to 85°C
TA = –40° to 125°C
l
l
3
2.4
2.4
5
V/μs
V/μs
V/μs
AVCL = 1, 5V Step
TA = –40° to 85°C
TA = –40° to 125°C
l
l
1.4
1.1
1
2.4
V/μs
V/μs
V/μs
GBW
Gain-Bandwidth Product
fO = 10kHz
l
290
400
kHz
Minimum Supply Voltage
Guaranteed by PSRR
l
3
V
IS
Supply Current per Amplifier
TA = –40° to 85°C
TA = –40° to 125°C
l
l
90
100
125
140
μA
μA
μA
Supply Current in Shutdown
VEN = 0.8V
TA = –40° to 85°C
TA = –40° to 125°C
l
l
1.4
3
3.2
3.6
μA
μA
μA
ts
Settling Time (AV = 1)
0.1% 5V Output Step
0.01% 5V Output Step
0.0015% 5V Output Step
0.0015% 10V Output Step
6
7.8
13.8
12.4
μs
μs
μs
μs
tON
Enable Time
AV = 1
100
µs
VDGND
DGND Pin Voltage Range
l
V–
V+ – 3
V
IDGND
DGND Pin Current
l
–200
–400
nA
IEN
EN Pin Current
l
–100
–200
nA
VENL
EN Pin Input Low Voltage
Relative to DGND
l
0.8
V
VENH
EN Pin Input High Voltage
Relative to DGND
l
1.7
V
The l denotes the specifications which apply over the specified
temperature range, otherwise specifications are at TA = 25°C, VS = ±15V, VCM = VOUT = Mid-Supply, VDGND = 0V, VEN = 5V. DGND
and EN specifications only apply to the LT6020-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com