Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1352 Datasheet HTML 11Page - Linear Technology LT1352 Datasheet HTML 12Page - Linear Technology LT1352 Datasheet HTML 13Page - Linear Technology LT1352 Datasheet HTML 14Page - Linear Technology LT1352 Datasheet HTML 15Page - Linear Technology LT1352 Datasheet HTML 16Page - Linear Technology LT1352 Datasheet HTML 17Page - Linear Technology LT1352 Datasheet HTML 18Page - Linear Technology LT1352 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT6020/LT6020-1
15
60201fa
For more information www.linear.com/LT6020
applicaTions inForMaTion
Figure 7. LT6020-1 Enable Pin Control Examples
–15
+15
OFF
ON
≤ –14.2V
≥ –13.3V
DGND
HIGH VOLTAGE
SPLIT SUPPLIES
TO V+ OR
EN LOGIC
EN
60201 F07
+
–
LT6020-1
–15
+15
OFF
ON
≤ 0.8V
≥ 1.7V
DGND
HIGH VOLTAGE
SPLIT SUPPLIES
TO V+ OR
EN LOGIC
EN
+
–
LT6020-1
+30
OFF
ON
≤ 0.8V
≥ 1.7V
DGND
HIGH VOLTAGE
SINGLE SUPPLY
TO V+ OR
EN LOGIC
EN
+
–
LT6020-1
+3V
OFF
ON
≤ 0.8V
≥ 1.7V
DGND
LOW VOLTAGE
SINGLE SUPPLY
TO V+ OR
EN LOGIC
EN
+
–
LT6020-1
–1.5
+1.5
OFF
ON
≤ –0.7V
≥ 0.2V
DGND
LOW VOLTAGE
SPLIT SUPPLIES
TO V+ OR
EN LOGIC
EN
+
–
LT6020-1
Typical applicaTions
60201 F02a
VIN
VOUT
1/2 LT6020
1/2 LT6020
270pF
10k
10k
4.7pF
60201 F02b
VIN
VOUT
1/2 LT6020
1/2 LT6020
100
100
High Open-Loop Gain Composite Amplifier
Parallel Amplifiers Achieves 32nV/√Hz Noise, Doubles Output Drive and Lowers Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com