Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology LT1352 Datasheet HTML 10Page - Linear Technology LT1352 Datasheet HTML 11Page - Linear Technology LT1352 Datasheet HTML 12Page - Linear Technology LT1352 Datasheet HTML 13Page - Linear Technology LT1352 Datasheet HTML 14Page - Linear Technology LT1352 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT6020/LT6020-1
11
60201fa
For more information www.linear.com/LT6020
pin FuncTions
OUT: Amplifier Output.
–IN: Inverting Input of the Amplifier.
+IN: Noninverting Input of the Amplifier.
V–: Negative Power Supply. A bypass capacitor should be
used between supply pins and ground. Additional bypass
capacitance may be used between the power supply pins.
DGND(LT6020-1Only):ReferenceforENPin.Itisnormally
tied to ground. DGND must be in the range from V– to V+
–3V. If grounded, V+ must be ≥ 3V. The EN pin threshold
is specified with respect to the DGND pin. DGND cannot
be floated.
EN (LT6020-1 Only): Enable Input. This pin must be
connected high, normally to V+, for the amplifiers to be
functional. EN is active high with the threshold approxi-
mately two diodes above DGND. EN cannot be floated.
The shutdown threshold voltage is specified with respect
to the voltage on the DGND pin.
V+: Positive Power Supply. A bypass capacitor should be
used between supply pins and ground. Additional bypass
capacitance may be used between the power supply pins.
siMpliFieD scheMaTic
60201 BD
+IN
V+
–IN
5k
5k
OUT
EN
200k
200k
LT6020-1 ONLY
DGND
V–
LOAD
CLASS AB
DRIVE
applicaTions inForMaTion
Preserving Low Power Operation
The proprietary circuitry used in the LT6020 provides an
excellent combination of low power, low offset and en-
hancedslewrate.Normallyanamplifierwithhighersupply
current would be required to achieve this combination of
slew rate and precision. Special care must be taken to
ensure that the low power operation is preserved.
The choice of feedback resistor values impacts several
op-amp parameters as noted in the feedback compo-
nents section. It should also be noted that the output of
the amplifier must drive this network. For example, in a
gain of two with a total feedback resistance of 10kΩ and
an output voltage of 14V, the amplifier’s output will need
to supply 1.4mA of current. This current will ultimately
come from a supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com