Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 1 Page - Linear Technology

  LT1352 Datasheet HTML 1Page - Linear Technology LT1352 Datasheet HTML 2Page - Linear Technology LT1352 Datasheet HTML 3Page - Linear Technology LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT6020/LT6020-1
1
60201fa
For more information www.linear.com/LT6020
20V Output Step Response
Typical applicaTion
FeaTures
DescripTion
Dual Micropower, 5V/µs
Precision Rail-to-Rail
Output Amplifier
TheLT®6020isalowpower,enhanced slewrate,precision
operational amplifier. The proprietary circuit topology of
this amplifier gives excellent slew rate at low quiescent
power dissipation without compromising precision or
settling time. In addition, unique input stage circuitry
allows the input impedance to remain high during input
voltage steps as large as 5V. The combination of preci-
sion specs along with fast settling makes this part ideal
for MUX applications.
The low quiescent current of the LT6020 along with its
ability to operate on supplies as low as 3V make it useful
in portable systems. The LT6020-1 features a shutdown
mode which reduces the typical supply current to 1.4μA.
The LT6020 is available in the small 8-lead DFN and 8-lead
MSOP packages. The LT6020-1 is available in a 10-lead
DFN package.
16-Bit DAC with ±10V Output Swing
applicaTions
n
Precision Signal Processing
n
18-Bit DAC Amplifier
n
Multiplexed ADC Applications
n
Low Power Portable Systems
n
Low Power Wireless Sensor Networks
L
, LT, LTC, LTM, Linear Technology, SmartMesh and the Linear logo are registered trademarks
and SoftSpan is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Patent Pending.
n
Excellent Slew Rate to Power Ratio
n
Slew Rate: 5V/μs
n
Maximum Supply Current: 100μA/Amplifier
n
Maximum Offset Voltage: 30μV
n
Maximum Offset Voltage Drift: 0.5μV/°C
n
High Dynamic Input Impedance
n
Fast Recovery from Shutdown
n
Maximum Input Bias Current: 3nA
n
No Output Phase Inversion
n
Gain Bandwidth Product: 400kHz
n
Wide Specified Supply Range: 3V to 30V
n
Operating Temperature Range: –40°C to 125°C
n
DFN and MS8 Packages
n
Rail-to-Rail Outputs
60201 TA01a
VOUT
GND
REF
VDD
LTC2642
1µF
RFB
INV
16-BIT DAC
CONTROL
LOGIC
CS
DIN
CLR
SCLK
16-BIT DATA LATCH
16-BIT SHIFT REGISTER
0.1µF
3.8VDC TO 5.5VDC
0.1µF
15V
–15V
LT5400-1
10k MATCHED
RESISTOR NETWORK
–
+
1/2 LT6020
1/2 LT6020
10pF
VOUT
POWER-ON
RESET
LT1019-2.5
IN
OUT
GND
60201 TA01b
5V/DIV
5V/DIV
20µs/DIV
CS
VOUT


Similar Part No. - LT1352

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1352 LINER-LT1352 Datasheet
325Kb / 12P
Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifiers
LT1352 LINER-LT1352 Datasheet
399Kb / 16P
Dual and Quad 250mA, 3MHz, 200V/ms Operational Amplifiers
LT1352 LINER-LT1352 Datasheet
147Kb / 12P
Nanopower Comparator with Reference
LT1352 LINER-LT1352 Datasheet
404Kb / 16P
Dual and Quad 250A, 3MHz, 200V/s Operational Amplifiers
LT1352 LINER-LT1352 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
More results

Similar Description - LT1352

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A Datasheet
48Kb / 6P
DUAL MICROPOWER PRECISION RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Linear Technology
LT6020 LINER-LT6020_15 Datasheet
437Kb / 20P
Dual Micropower, 5V/s Precision Rail-to-Rail Output Amplifier
LT6020-1 LINER-LT6020-1_15 Datasheet
437Kb / 20P
Dual Micropower, 5V/s Precision Rail-to-Rail Output Amplifier
LT6023 LINER-LT6023_15 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/s Precision Rail-to-Rail Output Amplifier
LT6023-1 LINER-LT6023-1_15 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/s Precision Rail-to-Rail Output Amplifier
LT6023 LINER-LT6023 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
logo
Advanced Linear Devices
ALD2711A ALD-ALD2711A_V01 Datasheet
481Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com