Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 20 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT1352 Datasheet HTML 12Page - Linear Technology LT1352 Datasheet HTML 13Page - Linear Technology LT1352 Datasheet HTML 14Page - Linear Technology LT1352 Datasheet HTML 15Page - Linear Technology LT1352 Datasheet HTML 16Page - Linear Technology LT1352 Datasheet HTML 17Page - Linear Technology LT1352 Datasheet HTML 18Page - Linear Technology LT1352 Datasheet HTML 19Page - Linear Technology LT1352 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT6020/LT6020-1
20
60201fa
For more information www.linear.com/LT6020
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2014
LT0414 REV A • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LT6020
relaTeD parTs
Typical applicaTion
PART NUMBER
DESCRIPTION
COMMENTS
LTC6256
6.5MHz, 65µA RRIO Op Amp
VOS: 350µV, GBW: 6.5MHz, SR: 1.8V/µs, en: 20nV/√Hz, IS: 65µA
LT1352
3MHz. 200V/µs Op Amp
VOS: 600µV, GBW: 3MHz, SR: 200V/µs, en: 14nV/√Hz, IS: 330µA
LT1492
5MHz, 3V/µs Op Amp
VOS: 180µV, GBW: 5MHz, SR: 3V/µs, en: 16.5nV/√Hz, IS: 550µA
LTC5800
SmartMesh® Wireless Sensor Network IC
Wireless Mesh Networks
LT5400
Quad Matched Resistor Network
0.01% Matching
±13.6V Input Range MUX Buffer
MUX Buffer Response, 12V Step
Improved Load Drive Capability
Gain of 11 Instrumentation Amplifier
60201 F03b
V+
VOUT
V–
VIN
LT6020
1k
2N3904
2N3906
60201 TA03c
1/2 LTC203
–15V
15V
IN1
IN2
S1
S2
GND
V+
D1
D2
V–
15V
15V
VIN1
–6V
VIN2
6V
–
+
1/2 LT6020
5
0
60201 F03a
VINM
R1 TO R4: FOR HIGH DC CMRR USE LT5400-3
VINP
1/2 LT6020
1/2 LT6020
R1, 100k
–3dB BW = 30kHz
R2, 10k
VOUT
R3, 10k
R4, 100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com