Electronic Components Datasheet Search
  English  ▼

X  

LT1352 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1352
Description  Dual Micropower, 5V/關s Precision Rail-to-Rail Output Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1352 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1352 Datasheet HTML 4Page - Linear Technology LT1352 Datasheet HTML 5Page - Linear Technology LT1352 Datasheet HTML 6Page - Linear Technology LT1352 Datasheet HTML 7Page - Linear Technology LT1352 Datasheet HTML 8Page - Linear Technology LT1352 Datasheet HTML 9Page - Linear Technology LT1352 Datasheet HTML 10Page - Linear Technology LT1352 Datasheet HTML 11Page - Linear Technology LT1352 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT6020/LT6020-1
8
60201fa
For more information www.linear.com/LT6020
Typical perForMance characTerisTics
Large-Signal Transient Response
(10V Step)
Slew Rate vs Temperature
(5V Step)
Slew Rate vs Temperature
(10V Step)
TA = 25°C, VS = ±15V, RL = 100kΩ, unless
otherwise specified.
10µs/DIV
AV = 1
2V/DIV
60201 G10
TEMPERATURE (°C)
–50
5
4
3
2
1
0
75
100
–25
50
60201 G11
125
0
25
RISING EDGE
FALLING EDGE
TEMPERATURE (°C)
–50
7
6
5
4
3
2
1
0
75
100
–25
50
60201 G12
125
0
25
RISING EDGE
FALLING EDGE
Input Bias Current vs
Temperature
Input Bias Current vs Differential
Input Voltage
0.1Hz to 10Hz Voltage Noise
Voltage Noise Density vs
Frequency
TEMPERATURE (°C)
–50
4
3
2
1
0
–1
100
–25
75
60201 G04
125
25
0
50
DIFFERENTIAL INPUT VOLTAGE (V)
–6
1.00
0.75
0.50
0.25
–0.25
–0.50
–0.75
0
–1.00
5
–5
4
60201 G05
6
–1
–2
–4 –3
3
2
1
0
IB+
IB–
500nV/DIV
60201 G06
1s/DIV
FREQUENCY (Hz)
60201 G07
1000
100
10
0.01
0.1
1
1k
10k
100
10
FREQUENCY (kHz)
60201 G08
35
30
25
20
15
0
5
10
0.1
1
10
THD < 40dBc
10µs/DIV
1V/DIV
60201 G09
AV = 1
Large-Signal Transient Response
(5V Step)
Maximum Undistorted Output
Amplitude vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com