Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 2Page - Linear Technology LTC4352 Datasheet HTML 3Page - Linear Technology LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4235
6
4235f
For more information www.linear.com/LTC4235
Typical perForMance characTerisTics
IMON Voltage vs Sense Voltage
IMON Voltage Gain vs
Temperature
IMON Propagation Delay vs
Sense Voltage
Ideal Diode Start-Up Waveform
on IN Power-Up
HGATE Start-Up Waveform on ON
Toggling High
Current Limit Threshold Foldback
Current Limit Delay vs Sense
Voltage
Current Sense Amplifier Input
Offset Voltage vs Temperature
TA = 25°C, VIN = 12V, unless otherwise noted.
VOUT (V)
0
30
25
20
15
5
10
0
4
8
4235 G10
12
2
10
6
SENSE VOLTAGE (VSENSE+ – VSENSE–) (mV)
0
100
10
1
0.1
80
120
4235 G11
200
40
160
CHGATE = 10nF
10ms/DIV
IN
10V/DIV
SENSE+
10V/DIV
10V/DIV
4235 G16
CPO
DGATE
20ms/DIV
ON
5V/DIV
HGATE
10V/DIV
OUT
10V/DIV
PWRGD
10V/DIV
4235 G17
TEMPERATURE (°C)
–50
40
30
20
10
35
25
15
5
0
0
50
4235 G12
100
–25
75
25
SENSE VOLTAGE (VSENSE+ – VSENSE–) (mV)
0
5
3
2
1
4
0
20
40
4235 G13
50
10
30
TEMPERATURE (°C)
–50
101
100
100.5
99.5
99
0
50
4235 G14
100
–25
75
25
SENSE VOLTAGE (VSENSE+ – VSENSE–) (mV)
0
120
60
40
20
80
100
0
2
4
4235 G15
5
1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com