Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 4Page - Linear Technology LTC4352 Datasheet HTML 5Page - Linear Technology LTC4352 Datasheet HTML 6Page - Linear Technology LTC4352 Datasheet HTML 7Page - Linear Technology LTC4352 Datasheet HTML 8Page - Linear Technology LTC4352 Datasheet HTML 9Page - Linear Technology LTC4352 Datasheet HTML 10Page - Linear Technology LTC4352 Datasheet HTML 11Page - Linear Technology LTC4352 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC4235
8
4235f
For more information www.linear.com/LTC4235
pin FuncTions
PWRGD: Power Status Output. Output that pulls low when
the OUT pin rises above 10.5V and the MOSFET gate drive
between HGATE and OUT exceeds 4.2V. Otherwise it is
pulled high by a 10µA current source to a diode below
INTVCC. It may be pulled above INTVCC using an external
pull-up. Leave open if unused.
REG: Internal Regulated Supply for Current Sense Ampli-
fier. A 0.1µF or larger capacitor should be tied from REG to
SENSE+. This pin is not designed to drive external circuits.
SENSE+: Positive Current Sense Input. Connect this pin to
the diode-OR output of the external ideal diode MOSFETs
and input of the current sense resistor. The voltage sensed
at this pin is used for monitoring the current limit and
also to control DGATE for forward voltage regulation and
reverse turn-off. This pin has an undervoltage lockout
threshold of 1.9V that will turn off the Hot Swap MOSFET.
SENSE–: Negative Current Sense Input. Connect this pin
to the output of the current sense resistor. The current
limit circuit controls HGATE to limit the voltage between
SENSE+ and SENSE– to 25mV or less depending on the
voltage at the OUT pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com