Electronic Components Datasheet Search
  English  ▼

X  

LTC4352 Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4352
Description  Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4352 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4352 Datasheet HTML 14Page - Linear Technology LTC4352 Datasheet HTML 15Page - Linear Technology LTC4352 Datasheet HTML 16Page - Linear Technology LTC4352 Datasheet HTML 17Page - Linear Technology LTC4352 Datasheet HTML 18Page - Linear Technology LTC4352 Datasheet HTML 19Page - Linear Technology LTC4352 Datasheet HTML 20Page - Linear Technology LTC4352 Datasheet HTML 21Page - Linear Technology LTC4352 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
LTC4235
19
4235f
For more information www.linear.com/LTC4235
applicaTions inForMaTion
PCB Layout Considerations
To achieve accurate current sensing, a Kelvin connection
for the sense resistor is recommended. The PCB layout
should be balanced and symmetrical to minimize wiring
errors. In addition, the PCB layout for the sense resistor
and the power MOSFET should include good thermal
managementtechniquesforoptimaldevicepowerdissipa-
tion. A recommended PCB layout is illustrated in Figure 7.
Connect the IN and OUT pin traces as close as possible to
the MOSFETs’ terminals. Keep the traces to the MOSFETs
wideandshorttominimizeresistivelosses.ThePCBtraces
associated with the power path through the MOSFETs
should have low resistance. The suggested trace width for
1oz copper foil is 0.03" for each ampere of DC current to
keep PCB trace resistance, voltage drop and temperature
rise to a minimum. Note that the sheet resistance of 1oz
copper foil is approximately 0.5mΩ/square, and voltage
drops due to trace resistance add up quickly in high cur-
rent applications.
It is also important to place the bypass capacitor C1 for
the INTVCC pin, as close as possible between INTVCC and
GND. Also place C2 near the CPO1 and IN1 pins, C3 near
the CPO2 and IN2 pins, and C4 near the REG and SENSE+
pins. The transient voltage suppressors Z1 and Z2, when
used, should be mounted close to the LTC4235 using
short lead lengths.
Prioritizing Supplies with D2OFF
Figure  8 shows an application where the IN1 supply
is passed to the output on the basis of priority, rather
than simply allowing the highest voltage to prevail. This
is achieved by connecting a resistive divider from IN1
at the D2OFF pin to suppress the turn-on of the ideal
diode MOSFET MD2 in the IN2 power path. When the IN1
supply voltage falls below 11.4V, it allows the ideal diode
MOSFET MD2, to turn on, causing the diode-OR output
to be switched from the main 12V supply at IN1 to the
auxiliary 12V supply at IN2. This configuration permits the
load to be supplied from a lower IN1 supply as compared
to IN2 until IN1 falls below the MD2 turn-on threshold. The
threshold value used should not allow the IN1 supply to
be operated at more than one diode voltage below IN2.
Otherwise, MD2 conducts through the MOSFET’s body
diode. The resistive divider connected from SENSE+ at
the ON pin provides the undervoltage threshold of 9.7V
for the diode-OR output supply.
BACKPLANE
CONNECTOR
VMAIN
12V
VAUX
12V
CARD
CONNECTOR
CPO1
GND
ON
FAULT
PWRGD
CL
470µF
12V
5A
R1
2k
INTVCC
Z2
SMAJ15A
D2OFF
IN1 DGATE1
DGATE2
LTC4235
4235 F08
MD2
SiR818DP
MH
SiR818DP
RS
0.004
HGATE
OUT
SENSE+
VSENSE+
SENSE–
CPO2
C3
0.1µF
C4
0.1µF
IN2
+
R2
13.7k
R6
100k
R5
100k
RH
10
RHG
1k
CHG
10nF
REG
C2
0.1µF
C1
0.1µF
MD1
SiR818DP
EN
CFT
0.1µF
C5
0.1µF
Z1
SMAJ15A
FTMR
IMON
ADC
R3
2.49k
R4
21k
C6
0.1µF
Figure 8. Plug-In Card 12V Prioritized Power Supply at IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com